Electronic Components Datasheet Search
  English  ▼

X  

ISO7520CDW Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7520CDW
Description  Low-Power 5 KV(rms) Dual Digital Isolators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7520CDW Datasheet(HTML) 10 Page - Texas Instruments

Back Button ISO7520CDW Datasheet HTML 6Page - Texas Instruments ISO7520CDW Datasheet HTML 7Page - Texas Instruments ISO7520CDW Datasheet HTML 8Page - Texas Instruments ISO7520CDW Datasheet HTML 9Page - Texas Instruments ISO7520CDW Datasheet HTML 10Page - Texas Instruments ISO7520CDW Datasheet HTML 11Page - Texas Instruments ISO7520CDW Datasheet HTML 12Page - Texas Instruments ISO7520CDW Datasheet HTML 13Page - Texas Instruments ISO7520CDW Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
ISO7520
ISO7521
SLLSE39 – JUNE 2010
www.ti.com
INSULATION CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
SPECIFICATION
UNIT
VTEST = 1.875 × VIORM, PD ≤ 5pC,
Vpeak/
VIORM
Maximum working insulation voltage
t = 10 sec (qualification)
1300/920
Vrms
t = 1 sec (100% production)
VTEST = VIOTM,
Vpeak/
VIOTM
Transient overvoltage
t = 60 sec (qualification)
4000/2858
Vrms
t= 1 sec (100% production)
VTEST = VISO
7000/5000
Vpeak/
VISO
Isolation voltage per UL
t = 60 sec (qualification), VTEST = 1.2 × VISO,
8400/6000
Vrms
t = 1 sec (100% production)
RS
Insulation resistance
VTEST = 500 V at TS = 150C
>109
Ω
Pollution degree
2
REGULATORY INFORMATION
VDE
CSA
UL
Approved under CSA Component Acceptance
Recognized under 1577 Component
Certified according to IEC 60747-5-2
Notice
Recognition Program
File Number: pending
File Number: pending
File Number: pending
IEC SAFETY LIMITING VALUES
Safety limiting intends to prevent potential damage to the isolation barrier upon failure of input or output circuitry.
A failure of the IO can allow low resistance to ground or the supply and, without current limiting, dissipate
sufficient power to overheat the die and damage the isolation barrier potentially leading to secondary system
failures.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
qJA =79.9 °C/W, VI = 5.25 V, TJ = 150 °C, TA = 25
298
°C
Is
Safety input, output, or supply current
mA
qJA =79.9 °C/W, VI = 3.45 V, TJ = 150 °C, TA = 25
453
°C
Ts
Maximum Case Temperature
150
°C
The safety-limiting constraint is the absolute maximum junction temperature specified in the absolute maximum
ratings table. The power dissipation and junction-to-air thermal impedance of the device installed in the
application hardware determines the junction temperature. The assumed junction-to-air thermal resistance in the
Thermal Characteristics table is that of a device installed on a High-K Test Board for Leaded Surface Mount
Packages. The power is the recommended maximum input voltage times the current. The junction temperature is
then the ambient temperature plus the power times the junction-to-air thermal resistance.
10
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): ISO7520 ISO7521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com