Electronic Components Datasheet Search
  English  ▼

X  

LT1175 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1175
Description  500mA Negative Low Dropout Micropower Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1175 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1175 Datasheet HTML 2Page - Linear Technology LT1175 Datasheet HTML 3Page - Linear Technology LT1175 Datasheet HTML 4Page - Linear Technology LT1175 Datasheet HTML 5Page - Linear Technology LT1175 Datasheet HTML 6Page - Linear Technology LT1175 Datasheet HTML 7Page - Linear Technology LT1175 Datasheet HTML 8Page - Linear Technology LT1175 Datasheet HTML 9Page - Linear Technology LT1175 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
LT1175

1175fe
Typical perForMance characTerisTics
GND Pin Current
Ripple Rejection
Shutdown Input Current
Shutdown Thresholds
SHDN Pin Characteristics
INPUT VOLTAGE (V)
0
25
20
15
10
5
0
20
1175 G07
5
10
15
25
TJ = 125°C
TJ = –55°C
TJ = 25°C
TEMPERATURE (°C)
–50
2.5
2.0
1.5
1.0
0.5
0
0
50
25
75
1175 G08
–25
100 125
POSITIVE THRESHOLD
NEGATIVE THRESHOLD
DEVICE IS OFF
BELOW THRESHOLD
SHUTDOWN TO GROUND VOLTAGE (V)
–25 –20
–10
0
15
10
5
0
–5
–10
15
1175 G09
–15
–5
10
20
5
25
VIN = 25V
CHARACTERISTICS DO NOT
CHANGE SIGNIFICANTLY WITH
TEMPERATURE, SO A SINGLE
CURVE IS SHOWN. POSITIVE
CURRENT FLOWS INTO
SHDN PIN
IF SHDN PIN IS NEGATIVE WITH
RESPECT TO INPUT VOLTAGE AND
INPUT VOLTAGE IS LESS THAN 15V,
NEGATIVE BREAKOVER POINT WILL
BE ABOUT 8V BELOW –VIN
OUTPUT CURRENT (A)
0
20
16
12
8
4
0
0.2
0.4
0.3
0.5
1175 G10
0.1
0.6
0.7
POWER
TRANSISTOR
IN DROPOUT
TJ = –55°C
TJ = 25°C
VIN – VOUT ≥ 3V
TJ = 25°C
VIN – VOUT = 2V
TJ = 25°C
FREQUENCY (Hz)
100
80
60
40
20
0
10
1k
10k
1M
100
100k
VOUT = 12V
(ADJUSTABLE)
IOUT = 100mA
VIN – VOUT = 2V
COUT = 1µF TANT
1175 G11
RIPPLE REJECTION IS RELATIVELY INDEPENDENT OF
INPUT VOLTAGE AND LOAD FOR CURRENTS BETWEEN
25mA AND 500mA. LARGER OUTPUT CAPACITORS DO
NOT IMPROVE REJECTION FOR FREQUENCIES BELOW
50kHz. AT VERY LIGHT LOADS, REJECTION WILL
IMPROVE WITH LARGER OUTPUT CAPACITORS
VOUT = 12V
(ADJUSTABLE)
WITH 0.1µF ACROSS
DIVIDER RESISTOR
VOUT = 5V
(FIXED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com