Electronic Components Datasheet Search
  English  ▼

X  

LT1366 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1366
Description  Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1366 Datasheet(HTML) 4 Page - Linear Technology

  LT1366 Datasheet HTML 1Page - Linear Technology LT1366 Datasheet HTML 2Page - Linear Technology LT1366 Datasheet HTML 3Page - Linear Technology LT1366 Datasheet HTML 4Page - Linear Technology LT1366 Datasheet HTML 5Page - Linear Technology LT1366 Datasheet HTML 6Page - Linear Technology LT1366 Datasheet HTML 7Page - Linear Technology LT1366 Datasheet HTML 8Page - Linear Technology LT1366 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LT1366/LT1367
LT1368/LT1369

1366fb
elecTrical characTerisTics The
l
denotes the specifications which apply over the specified
temperature range of 0°C < TA < 70°C. VS = 5V, 0V; VCM = 2.5V, VO = 2.5V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage (LT1366/LT1368)
VCM = VCC
VCM = VEE
l
l
200
200
575
575
µV
µV
Input Offset Voltage (LT1367/LT1369)
VCM = VCC
VCM = VEE
l
l
200
200
950
900
µV
µV
VOS TC
Input Offset Voltage Drift
(Note 3)
l
2
6
µV/°C
∆VOS
Input Offset Voltage Shift (LT1366/LT1368)
Input Offset Voltage Match (Channel to Channel)
VCM = VEE to VCC
VCM = VEE, VCC (Notes 4, 5)
l
l
200
250
425
900
µV
µV
Input Offset Voltage Shift (LT1367/LT1369)
Input Offset Voltage Match (Channel to Channel)
VCM = VEE to VCC
VCM = VEE, VCC (Notes 4, 5)
l
l
200
250
675
1900
µV
µV
IB
Input Bias Current
VCM = VCC
VCM = VEE
l
l
0
–45
15
–10
45
0
nA
nA
∆IB
Input Bias Current Shift
VCM = VEE to VCC
l
25
90
nA
IOS
Input Offset Current
VCM = VCC
VCM = VEE
l
l
2
1
15
15
nA
nA
∆IOS
Input Offset Current Shift
VCM = VEE to VCC
l
2
15
nA
Input Bias Current Match (Channel to Channel)
VCM = VCC (Note 4)
VCM = VEE (Note 4)
l
l
0
0
2
1
15
15
nA
nA
AVOL
Large-Signal Voltage Gain
VO = 50mV to 4.8V, RL = 10k
l
250
2000
V/mV
CMRR
Common Mode Rejection Ratio (LT1366/LT1368)
CMRR Match (Channel to Channel)
VCM = VEE to VCC
VCM = VEE to VCC (Note 4)
l
l
80
74
87
87
dB
dB
Common Mode Rejection Ratio (LT1367/LT1369)
CMRR Match (Channel to Channel)
VCM = VEE to VCC
VCM = VEE to VCC (Note 4)
l
l
77
71
87
87
dB
dB
PSRR
Power Supply Rejection Ratio
PSRR Match (Channel to Channel) (Note 4)
VS = 2.3V to 12V, VCM = VO = 0.5V
VS = 2.3V to 12V, VCM = VO = 0.5V
l
l
88
82
105
100
dB
dB
VOL
Output Voltage Swing Low
No Load
ISINK = 0.5mA
ISINK = 2.5mA
l
l
l
9
45
120
14
80
230
mV
mV
mV
VOH
Output Voltage Swing High
No Load
ISOURCE = 0.5mA
ISOURCE = 2.5mA
l
l
l
VCC – 0.014
VCC – 0.110
VCC – 0.300
VCC – 0.005
VCC – 0.055
VCC – 0.180
V
V
V
ISC
Short-Circuit Current
(Note 2)
l
±12.5
mA
IS
Supply Current per Amplifier
l
385
540
µA
TA = 25°C; VS = 3V, 0V; VCM = 1.5V; VO = 1.5V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage (LT1366/LT1368)
VCM = VCC
VCM = VEE
150
150
475
475
µV
µV
Input Offset Voltage (LT1367/LT1369)
VCM = VCC
VCM = VEE
150
150
850
750
µV
µV
∆VOS
Input Offset Voltage Shift (LT1366/LT1368)
Input Offset Voltage Match (Channel to Channel)
VCM = VEE to VCC
VCM = VEE, VCC (Notes 4, 5)
150
250
400
700
µV
µV
Input Offset Voltage Shift (LT1367/LT1369)
Input Offset Voltage Match (Channel to Channel)
VCM = VEE to VCC
VCM = VEE, VCC (Notes 4, 5)
150
250
650
1700
µV
µV
IB
Input Bias Current
VCM = VCC
VCM = VEE
0
–35
10
–10
35
0
nA
nA
∆IB
Input Bias Current Shift
VCM = VEE to VCC
20
70
nA
IOS
Input Offset Current
VCM = VCC
VCM = VEE
1.0
0.3
12
12
nA
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com