Electronic Components Datasheet Search
  English  ▼

X  

LT1761 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1761
Description  100mA, Low Noise, LDO Micropower Regulators in TSOT-23
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1761 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1761 Datasheet HTML 9Page - Linear Technology LT1761 Datasheet HTML 10Page - Linear Technology LT1761 Datasheet HTML 11Page - Linear Technology LT1761 Datasheet HTML 12Page - Linear Technology LT1761 Datasheet HTML 13Page - Linear Technology LT1761 Datasheet HTML 14Page - Linear Technology LT1761 Datasheet HTML 15Page - Linear Technology LT1761 Datasheet HTML 16Page - Linear Technology LT1761 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LT1761 Series
13
1761sff
TYPICAL PERFORMANCE CHARACTERISTICS
RMS Output Noise vs
Load Current (10Hz to 100kHz)
LT1761-5
10Hz to 100kHz Output Noise
CBYP = 0pF
LT1761-5
10Hz to 100kHz Output Noise
CBYP = 100pF
LOAD CURRENT (mA)
0.01
160
140
120
100
80
60
40
20
0
0.1
1
1761 G44
10
100
COUT = 10μF
LT1761-5
LT1761-5
LT1761-BYP
LT1761-BYP
CBYP = 0
CBYP = 0.01μF
VOUT
100μV/DIV
1ms/DIV
COUT = 10μF
IL = 100mA
1761 G45
VOUT
100μV/DIV
1ms/DIV
COUT = 10μF
IL = 100mA
1761 G46
LT1761-5
10Hz to 100kHz Output Noise
CBYP = 1000pF
LT1761-5
10Hz to 100kHz Output Noise
CBYP = 0.01μF
VOUT
100μV/DIV
1ms/DIV
COUT = 10μF
IL = 100mA
1761 G46
VOUT
100μV/DIV
1ms/DIV
COUT = 10μF
IL = 100mA
1761 G48
LT1761-5 Transient Response
CBYP = 0pF
LT1761-5 Transient Response
CBYP = 0.01μF
TIME (μs)
0.2
0.1
0
–0.1
–0.2
100
50
0
1761 G49
0
400
800
1200
1600
2000
VIN = 6V
CIN = 10μF
COUT = 10μF
TIME (μs)
0.04
0.02
0
–0.02
–0.04
100
50
0
1761 G50
0
40 60
100
20
80
120 140
180
160
200
VIN = 6V
CIN = 10μF
COUT = 10μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com