Electronic Components Datasheet Search
  English  ▼

X  

LT1766 Datasheet(PDF) 30 Page - Linear Technology

Part # LT1766
Description  5.5V to 60V 1.5A, 200kHz Step-Down Switching Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1766 Datasheet(HTML) 30 Page - Linear Technology

Back Button LT1766 Datasheet HTML 22Page - Linear Technology LT1766 Datasheet HTML 23Page - Linear Technology LT1766 Datasheet HTML 24Page - Linear Technology LT1766 Datasheet HTML 25Page - Linear Technology LT1766 Datasheet HTML 26Page - Linear Technology LT1766 Datasheet HTML 27Page - Linear Technology LT1766 Datasheet HTML 28Page - Linear Technology LT1766 Datasheet HTML 29Page - Linear Technology LT1766 Datasheet HTML 30Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
LT1766/LT1766-5
30
1766fc
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2001
LT/TP 0310 REV C • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1074/LT1074HV
4.4A (IOUT), 100kHz, High Efficiency Step-Down DC/DC Converters
VIN: 7.3V to 45V/64V, VOUT(MIN): 2.21V, IQ: 8.5mA,
ISD: 10μA, DD-5/7, TO220-5/7
LT1076/LT1076HV
1.6A (IOUT), 100kHz, High Efficiency Step-Down DC/DC Converters
VIN: 7.3V to 45V/64V, VOUT(MIN): 2.21V, IQ: 8.5mA,
ISD: 10μA, DD-5/7, TO220-5/7
LT1616
500mA (IOUT), 1.4MHz, High Efficiency
Step-Down DC/DC Converter
VIN: 3.6V to 25V, VOUT(MIN): 1.25V, IQ: 1.9mA,
ISD: <1μA, ThinSOT™
LT1676
60V, 440mA (IOUT), 100kHz, High Efficiency
Step-Down DC/DC Converter
VIN: 7.4V to 60V, VOUT(MIN): 1.24V, IQ: 3.2mA,
ISD: 2.5μA, S8
LT1765
25V, 2.75A (IOUT), 1.25MHz, High Efficiency
Step-Down DC/DC Converter
VIN: 3V to 25V, VOUT(MIN): 1.20V, IQ: 1mA,
ISD: 15μA, S8, TSSOP16E
LT1766
60V, 1.2A (IOUT), 200kHz, High Efficiency
Step-Down DC/DC Converter
VIN: 5.5V to 60V, VOUT(MIN): 1.20V, IQ: 2.5mA,
ISD: 25μA, TSSOP16/E
LT1767
25V, 1.2A (IOUT), 1.25MHz, High Efficiency
Step-Down DC/DC Converter
VIN: 3V to 25V, VOUT(MIN): 1.20V, IQ: 1mA,
ISD: 6μA, MS8/E
LT1776
40V, 550mA (IOUT), 200kHz, High Efficiency
Step-Down DC/DC Converter
VIN: 7.4V to 40V, VOUT(MIN): 1.24V, IQ: 3.2mA,
ISD: 30μA, N8,S8
LT1940
Dual Output 1.4A (IOUT), Constant 1.1MHz, High Efficiency
Step-Down DC/DC Converter
VIN: 3V to 25V, VOUT(MIN): 1.20V, IQ: 2.5mA,
ISD: <1μA, TSSOP-16E
LT1956
60V, 1.2A (IOUT), 500kHz, High Efficiency
Step-Down DC/DC Converter
VIN: 5.5V to 60V, VOUT(MIN): 1.20V, IQ: 2.5mA,
ISD: 25μA, TSSOP16/E
LT1976
60V, 1.2A (IOUT), 200kHz, Micropower (IQ = 100μA), High Efficiency
Step-Down DC/DC Converter
VIN: 3.3V to 60V, VOUT(MIN): 1.20V, IQ: 100μA,
ISD: <1μA, TSSOP16/E
LT3010
80V, 50mA, Low Noise Linear Regulator
VIN: 1.5V to 80V, VOUT(MIN): 1.28V, IQ: 30μA,
ISD: <1μA, MS8E
LTC3412
2.5A (IOUT), 4MHz, Synchronous Step-Down DC/DC Converter
VIN: 2.5V to 5.5V, VOUT(MIN): 0.8V, IQ: 60μA,
ISD: <1μA, TSSOP16E
LTC3414
4A (IOUT), 4MHz, Synchronous Step-Down DC/DC Converter
VIN: 2.3V to 5.5V, VOUT(MIN): 0.8V, IQ: 64μA,
ISD: <1μA, TSSOP20E
LT3430/LT3431
60V, 2.75A (IOUT), 200kHz/500kHz, High Efficiency
Step-Down DC/DC Converters
VIN: 5.5V to 60V, VOUT(MIN): 1.20V, IQ: 2.5mA,
ISD: 30μA, TSSOP16E
LT3433
High Voltage, Micropower (IQ = 100μA), Buck-Boost DC/DC Converter
VIN: 4V to 60V, IQ: 100μA, 500mA Switch Current,
TSSOP16E
LTC3727/LTC3727-1
36V, 500kHz, High Efficiency Step-Down DC/DC Controllers
VIN: 4V to 36V, VOUT(MIN): 0.8V, IQ: 670μA,
ISD: 20μA, QFN-32, SSOP-28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com