Electronic Components Datasheet Search
  English  ▼

X  

SSD3 Datasheet(PDF) 7 Page - Rohm

Part # SSD3
Description  Packaging specifications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SSD3 Datasheet(HTML) 7 Page - Rohm

  SSD3 Datasheet HTML 1Page - Rohm SSD3 Datasheet HTML 2Page - Rohm SSD3 Datasheet HTML 3Page - Rohm SSD3 Datasheet HTML 4Page - Rohm SSD3 Datasheet HTML 5Page - Rohm SSD3 Datasheet HTML 6Page - Rohm SSD3 Datasheet HTML 7Page - Rohm SSD3 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Packaging specifications
Data Sheet
7/7
www.rohm.com
○
c
2009 ROHM Co., Ltd. All rights reserved.
2009.02 - Rev.D
<leaded type>
Taping Code
T-72
T-77
T-72
T-77
T-31
T-32
MSD
(DO-34)
GSD
(DO-35)
MSR
(DO-41mini)
Axial taping
Axial taping
Axial taping
52mm width
26mm width
52mm width
26mm width
52mm width
26mm width
5,000
5,000
2,500
Ammo box
Ammo box
Ammo box
Taping Code
Package
Package Specification
Packaging Style, Direction
Ordering Unit (pcs)
Taping Specifications (Unit : mm)
255
A
Label
Viewing Window
80
Symbol
52 mm width 26 mm width
A
80
50
Taping
MSD/MSR
Box
T-31, T-32, T-72, T-77
D
1
-L
L
2
A
B
C
0.7Max.
1.5Max.
5,000
52.4
5.0
1/2A
T-72
0.2Max.
0.4Max.
26.0
5.0
BROWN
1.0Max.
B
BLUE
1/2A
T-31
T-77
T-32
2,500
2,500
5,000
Quantity / Box
Code



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com