Electronic Components Datasheet Search
  English  ▼

X  

REF5040-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Part # REF5040-Q1
Description  LOW NOISE, VERY LOW DRIFT,PRECISION VOLTAGE REFERENCE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF5040-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button REF5040-Q1 Datasheet HTML 6Page - Texas Instruments REF5040-Q1 Datasheet HTML 7Page - Texas Instruments REF5040-Q1 Datasheet HTML 8Page - Texas Instruments REF5040-Q1 Datasheet HTML 9Page - Texas Instruments REF5040-Q1 Datasheet HTML 10Page - Texas Instruments REF5040-Q1 Datasheet HTML 11Page - Texas Instruments REF5040-Q1 Datasheet HTML 12Page - Texas Instruments REF5040-Q1 Datasheet HTML 13Page - Texas Instruments REF5040-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
TEMPERATURE DRIFT
Drift +
V
OUTMAX
* VOUTMIN
V
OUT
Temp Range
106(ppm)
(1)
DNC
TEMP
V
OUT
V
IN
GND
DNC
NC
TRIM/NR
REF50xx
V
TEMP
2.6mV/ C
°
OPA(1)
NOTE:(1)Lowdriftopamp,suchastheOPA333,OPA335,orOPA376.
+V
TEMPERATURE MONITORING
POWER DISSIPATION
NOISE PERFORMANCE
REF5020-Q1, REF5025-Q1, REF5030-Q1
REF5040-Q1, REF5045-Q1, REF5050-Q1
SBOS456B – SEPTEMBER 2008 – REVISED APRIL 2009 ............................................................................................................................................... www.ti.com
The REF50xx is designed for minimal drift error,
which is defined as the change in output voltage over
temperature. The drift is calculated using the box
method, as described by the following equation:
The REF50xx features a maximum drift coefficient of
3 ppm/°C for the high-grade version, and 8 ppm/°C
for the standard-grade.
Figure 26. Buffering the TEMP Pin Output
The temperature output terminal (TEMP, pin 3)
provides a temperature-dependent voltage output
The REF50xx family is specified to deliver current
with approximately 60-k
Ω source impedance. As
loads of ±10 mA over the specified input voltage
seen in Figure 8, the output voltage follows the
range. The temperature of the device increases
nominal relationship:
according to the equation:
VTEMP PIN = 509 mV + 2.64 × T(°C)
TJ = TA + PD × θJA
This pin indicates general chip temperature, accurate
Where:
to approximately ±15°C. Although it is not generally
TJ = Junction temperature (°C)
suitable for accurate temperature measurements, it
TA = Ambient temperature (°C)
can be used to indicate temperature changes or for
temperature compensation of analog circuitry. A
PD = Power dissipated (W)
temperature change of 30°C corresponds to an
θ
JA
= Junction-to-ambient thermal resistance
approximate 79-mV change in voltage at the TEMP
(°C/W)
pin.
The REF50xx junction temperature must not exceed
The TEMP pin has high output impedance (see
the absolute maximum rating of 150°C.
Figure 22). Loading this pin with a low-impedance
circuit induces a measurement error; however, it does
not have any effect on VOUT accuracy. To avoid
Typical 0.1-Hz to 10-Hz voltage noise for each
errors caused by low-impedance loading, buffer the
member of the REF50xx family is specified in the
TEMP pin output with a suitable low-temperature drift
Electrical Characteristics: Per Device table. The noise
op amp, such as the OPA333, OPA335, or OPA376,
voltage increases with output voltage and operating
as shown in Figure 26.
temperature. Additional filtering can be used to
improve output noise levels, although care should be
taken to ensure the output impedance does not
degrade performance.
10
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com