Electronic Components Datasheet Search
  English  ▼

X  

CDCE949 Datasheet(PDF) 13 Page - Texas Instruments

Part # CDCE949
Description  Programmable 4-PLL VCXO Clock Synthesizer with 1.8V, 2.5V and 3.3V LVCMOS Outputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE949 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CDCE949_10 Datasheet HTML 9Page - Texas Instruments CDCE949_10 Datasheet HTML 10Page - Texas Instruments CDCE949_10 Datasheet HTML 11Page - Texas Instruments CDCE949_10 Datasheet HTML 12Page - Texas Instruments CDCE949_10 Datasheet HTML 13Page - Texas Instruments CDCE949_10 Datasheet HTML 14Page - Texas Instruments CDCE949_10 Datasheet HTML 15Page - Texas Instruments CDCE949_10 Datasheet HTML 16Page - Texas Instruments CDCE949_10 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
1
7
1
1
1
1
1
1
S
Slave Address
Wr
A
A
Sr
Rd
A
8
1
1
1
1
ByteCountN
A
A
A
P
DataByte0
…
DataByteN-1
8
CommandCode
7
Slave Address
8
8
P
S
P
t(BUS)
tw(SCLL)
tw(SCLH)
tr
tf
th(START)
t
SU(SDA)
t
h(SDA)
tSU(STOP)
tSU(START)
tr
tf
SCL
SDA
VIH
VIL
VIH
VIL
A
Bit7(MSB)
Bit6
Bit0(LSB)
R
P
Master
R
P
SDA
SCL
C
BUS
Slave
CDCE949
CDCEL949
C
BUS
CDCE949
CDCEL949
www.ti.com
SCAS844D – AUGUST 2007 – REVISED MARCH 2010
Block Read Programming Sequence
Figure 11. Block Read Protocol
Timing Diagram for the SDA/SCL Serial Control Interface
Figure 12. Timing Diagram for the SDA/SCL Serial Control Interface
SDA/SCL Hardware Interface
Figure 13 shows how the CDCE949/CDCEL949 clock synthesizer is connected to the SDA/SCL serial interface
bus. Multiple devices can be connected to the bus but the speed may need to be reduced (400 kHz is the
maximum) if many devices are connected.
Note that the pull-up resistor value (RP) depends on the supply voltage, bus capacitance and number of
connected devices. The recommended pull-up value is 4.7 k
Ω. It must meet the minimum sink current of 3 mA at
VOLmax = 0.4 V for the output stages (for more details see the SMBus or I
2C Bus specification).
Figure 13. SDA/SCL Hardware Interface
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): CDCE949 CDCEL949



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com