Electronic Components Datasheet Search
  English  ▼

X  

CDCE949PW Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE949PW
Description  Programmable 4-PLL VCXO Clock Synthesizer with 1.8V, 2.5V and 3.3V LVCMOS Outputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE949PW Datasheet(HTML) 23 Page - Texas Instruments

Back Button CDCE949PW Datasheet HTML 19Page - Texas Instruments CDCE949PW Datasheet HTML 20Page - Texas Instruments CDCE949PW Datasheet HTML 21Page - Texas Instruments CDCE949PW Datasheet HTML 22Page - Texas Instruments CDCE949PW Datasheet HTML 23Page - Texas Instruments CDCE949PW Datasheet HTML 24Page - Texas Instruments CDCE949PW Datasheet HTML 25Page - Texas Instruments CDCE949PW Datasheet HTML 26Page - Texas Instruments CDCE949PW Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
CDCE949
CDCEL949
www.ti.com
SCAS844D – AUGUST 2007 – REVISED MARCH 2010
Table 13. PLL4 Configuration Register
OFFSET(1)
Bit(2)
Acronym
Default(3)
DESCRIPTION
40h
7:5
SSC4_7 [2:0]
000b
SSC4: PLL4 SSC Selection (Modulation Amount)(4)
4:2
SSC4_6 [2:0]
000b
Down
Center
000 (off)
000 (off)
1:0
SSC4_5 [2:1]
001 – 0.25%
001 ± 0.25%
000b
010 – 0.5%
010 ± 0.5%
41h
7
SSC4_5 [0]
011 – 0.75%
011 ± 0.75%
6:4
SSC4_4 [2:0]
000b
100 – 1.0%
100 ± 1.0%
101 – 1.25%
101 ± 1.25%
3:1
SSC4_3 [2:0]
000b
110 – 1.5%
110 ± 1.5%
0
SSC4_2 [2]
111 – 2.0%
111 ± 2.0%
000b
42h
7:6
SSC4_2 [1:0]
5:3
SSC4_1 [2:0]
000b
2:0
SSC4_0 [2:0]
000b
43h
7
FS4_7
0b
FS4_x: PLL4 Frequency Selection(4)
6
FS4_6
0b
0 – fVCO4_0 (predefined by PLL4_0 – Multiplier/Divider value)
1 – fVCO4_1 (predefined by PLL4_1 – Multiplier/Divider value)
5
FS4_5
0b
4
FS4_4
0b
3
FS4_3
0b
2
FS4_2
0b
1
FS4_1
0b
0
FS4_0
0b
44h
PLL4 Multiplexer:
0 – PLL4
7
MUX4
1b
1 – PLL4 Bypass (PLL4 is in power down)
Output Y8 Multiplexer:
0 – Pdiv6
6
M8
1b
1 – Pdiv8
Output Y9 Multiplexer:
00 – Pdiv6-Divider
01 – Pdiv8-Divider
5:4
M9
10b
10 – Pdiv9-Divider
11 – reserved
3:2
Y8Y9_ST1
11b
Y8,
00 – Y8/Y9 disabled to 3-State (PLL4 is in power down)
Y9-State0/1definition:
01 – Y8/Y9 disabled to 3-State (PLL4 on)
10 –Y8/Y9 disabled to low (PLL4 on)
1:0
Y8Y9_ST0
01b
11 – Y8/Y9 enabled (normal operation, PLL4 on)
45h
7
Y8Y9_7
0b
Y8Y9_x Output State Selection(4)
6
Y8Y9_6
0b
0 – state0 (predefined by Y8Y9_ST0)
1 – state1 (predefined by Y8Y9_ST1)
5
Y8Y9_5
0b
4
Y8Y9_4
0b
3
Y8Y9_3
0b
2
Y8Y9_2
0b
1
Y8Y9_1
1b
0
Y8Y9_0
0b
46h
PLL4 SSC down/center selection:
0 – down
7
SSC4DC
0b
1 – center
7-Bit Y8-Output-Divider Pdiv8:
0 – reset and stand-by
6:0
Pdiv8
01h
1-to-127 – divider value
47h
7
—
0b
Reserved – do not write others than 0
7-Bit Y9-Output-Divider Pdiv9:
0 – reset and stand-by
6:0
Pdiv9
01h
1-to-127 – divider value
(1)
Writing data beyond 50h may adversely affect device function.
(2)
All data is transferred MSB-first.
(3)
Unless a custom setting is used
(4)
The user can pre-define up to eight different control settings. In normal device operation, these settings can be selected by the external
control pins, S0, S1, and S2.
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): CDCE949 CDCEL949



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com