Electronic Components Datasheet Search
  English  ▼

X  

CDCE949PWR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE949PWR
Description  Programmable 4-PLL VCXO Clock Synthesizer with 1.8V, 2.5V and 3.3V LVCMOS Outputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE949PWR Datasheet(HTML) 16 Page - Texas Instruments

Back Button CDCE949PWR Datasheet HTML 12Page - Texas Instruments CDCE949PWR Datasheet HTML 13Page - Texas Instruments CDCE949PWR Datasheet HTML 14Page - Texas Instruments CDCE949PWR Datasheet HTML 15Page - Texas Instruments CDCE949PWR Datasheet HTML 16Page - Texas Instruments CDCE949PWR Datasheet HTML 17Page - Texas Instruments CDCE949PWR Datasheet HTML 18Page - Texas Instruments CDCE949PWR Datasheet HTML 19Page - Texas Instruments CDCE949PWR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
CDCE949
CDCEL949
SCAS844D – AUGUST 2007 – REVISED MARCH 2010
www.ti.com
Table 9. Generic Configuration Register (continued)
OFFSET(1)
Bit(2)
Acronym
Default(3)
DESCRIPTION
06h
7-Bit Byte Count (Defines the number of Bytes which will be sent from this device at the next Block Read
7:1
BCOUNT
50h
transfer; all bytes must be read out to correctly finish the read cycle.)
Initiate EEPROM Write Cycle(4) (9)
0
EEWRITE
0b
0 – no EEPROM write cycle
1 – start EEPROM write cycle (internal configuration register is saved to the EEPROM)
07h-0Fh
—
—
0h
Reserved – do not write others than 0
(9)
NOTE: The EEPROM WRITE bit must be sent last. This ensures that the content of all internal registers are written into the EEPROM.
The EEWRITE cycle is initiated by the rising edge of the EEWRITE-Bit. A static level high does not trigger an EEPROM WRITE cycle.
The EEWRITE-Bit must be reset low after the programming is completed. The programming status can be monitored by readout EEPIP.
If EELOCK is set high, no EEPROM programming will be possible.
16
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): CDCE949 CDCEL949



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com