Electronic Components Datasheet Search
  English  ▼

X  

CUS509 Datasheet(PDF) 2 Page - Power-One

Part # CUS509
Description  1 WATT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

CUS509 Datasheet(HTML) 2 Page - Power-One

  CUS509 Datasheet HTML 1Page - Power-One CUS509 Datasheet HTML 2Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
OPTIONS
When ordering equipment options, use the following suffix information. Select the option(s) that
you prefer and add them to the model number. Example ordering options are located below the
options table.
OPTION
SUFFIX
APPLICABLE SERIES
REMARKS
Negative Logic
N
HAS, HBD, HBS, HES, LES, QBS,
QES, TES, TQD
TTL “Low” Turns Module ON
TTL “High” Turns Module OFF
Lucent Compatible Trim
T
HAS, HBD, HBS, HES, QBS, QES
Terminal Strip
TS
XWS, XWD, XWT
Trim
1
IAS, LES
Enable
2
IAD, IAS, LES, SMS
Trim and Enable
3
IAS, LES
Current Share
4
SMS
Headerless
Y
Encapsulated EWS, IWS, OWS
PIN LENGTH AND HEATSINK
OPTIONS
Standard Pin Length is 0.180”
(4.6mm)
0.110” (2.8mm) Pin Length
8
All Units (Except SMS)
0.150” (3.8mm) Pin Length
9
All Units (Except SMS)
0.24” (6.1mm) Horizontal Heatsink
1H
All Units (Except DIP, SIP, and SM
Packages)
Includes Thermal Pad
0.24” (6.1mm) Vertical Heatsink
1V
All Units (Except DIP, SIP, and SM
Packages)
Includes Thermal Pad
0.45” (11.4mm) Horizontal
Heatsink
2H
All Units (Except DIP, SIP, and SM
Packages)
Includes Thermal Pad
0.45” (11.4mm) Vertical Heatsink
2V
All Units (Except DIP, SIP, and SM
Packages)
Includes Thermal Pad
0.95” (24.1mm) Horizontal
Heatsink
3H
All Units (Except DIP, SIP, and SM
Packages)
Includes Thermal Pad
0.95” (24.1mm) Vertical Heatsink
3V
All Units (Except DIP, SIP, and SM
Packages)
Includes Thermal Pad
Example Options: HBS050ZG-ANT3V = HBS050ZG-A with negative logic, Lucent compatible trim, and
0.95” vertical heatsink.
LES015YJ-3N = LES015YJ with optional trim and enable, negative logic.
QBS066ZG-AT8 = QBS066ZG-A with Lucent compatible trim and 0.110” pin length.
NUCLEAR AND MEDICAL APPLICATIONS Power-One products are not authorized for use as critical components in life support systems,
equipment used in hazardous environments, or nuclear control systems without the express written consent of the President of Power-One, Inc.
TECHNICAL REVISIONS The appearance of products, including safety agency certifications pictured on labels, may change depending on the
date manufactured. Specifications are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com