Electronic Components Datasheet Search
  English  ▼

X  

PML50 Datasheet(PDF) 1 Page - Rohm

Part # PML50
Description  Ultra-low Ohmic Resistors for Current Detection (Wide terminal type)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

PML50 Datasheet(HTML) 1 Page - Rohm

  PML50 Datasheet HTML 1Page - Rohm PML50 Datasheet HTML 2Page - Rohm PML50 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/2
www.rohm.com
○
c
2010 ROHM Co., Ltd. All rights reserved.
2010.03 - Rev.A
Ultra-low Ohmic Resistors for Current Detection
(Wide terminal type)
PML50
*Under development
Features
1) Ultra-low resistance range (0.5m
-)
2) Wide terminal configuration for high joint reliability.
3) Unique trimless structure utilized for improved current detection accuracy.
ISO9001- / ISO/TS 16949- approved
Tentative specification
The design and specifications are subject to change without prior notice. Before ordering or using, please check the latest technical specifications.
Rated power
(70
°C)
Part No.
Size code
Resistance
tolerance
Resistance value
(m
Ω)
Operating
temperature range
(
°C)
−55 to +155
1.5W
(2W at 25
°C)
5025 (2010)
0.5, 1, 1.5, 2, 2.2
PML50
J (
±5%)
: Under development
Dimensions (Unit : mm)
Part No.
Size code
LW
t
a
b
5.0
±0.20
2.5
±0.20
0.52 to 0.32∗
±0.15 0.4±0.20
5025
PML50
1.0 to 0.5∗
±0.20
∗ : Each value range varies with the resistance.
Part No. Explanation
Special part number
Packaging Specifications Code
Part No.
PM
5
L
Nominal resistance
HZP
Part No.
Resistance tolerance
J(
±5%)
Code
Embossed tape (4mm Pitch)
φ180mm (7inch)
Packaging specifications
Reel
2,000
Basic ordering unit (pcs)
Reel (
φ180mm) : Compatible with JEITA standard "EIAJ ET-7200B"
0
H Z P
J
V
Resistance tolerance
±5%
J
PML50
Resistance code, 3 digits.
Resistance
Value
3 digits(J)
0.5m
Ω
1m
Ω
2m
Ω
1.5m
Ω
0L5
2L0
2.2m
Ω
2L2
1L5
1L0
: Under development


Similar Part No. - PML50

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
PML50 VCC-PML50 Datasheet
258Kb / 4P
Maritime, Oil and Gas Industry
PML50BFVW VCC-PML50BFVW Datasheet
258Kb / 4P
Maritime, Oil and Gas Industry
PML50GFVW VCC-PML50GFVW Datasheet
258Kb / 4P
Maritime, Oil and Gas Industry
logo
Rohm
PML50HZPGV ROHM-PML50HZPGV Datasheet
969Kb / 8P
Ultra-low ohmic chip resistors for current detection
PML50HZPJV ROHM-PML50HZPJV Datasheet
969Kb / 8P
Ultra-low ohmic chip resistors for current detection
More results

Similar Description - PML50

ManufacturerPart #DatasheetDescription
logo
Rohm
PMR25 ROHM-PMR25 Datasheet
95Kb / 3P
Ultra low ohmic resistors for current detection
PMR50 ROHM-PMR50 Datasheet
98Kb / 3P
Ultra low ohmic resistors for current detection
PMR03 ROHM-PMR03 Datasheet
115Kb / 3P
Ultra low ohmic resistors for current detection
PML100 ROHM-PML100 Datasheet
148Kb / 3P
Ultra-low Ohmic Resistors for Current Detection(Wide terminal type)
PML10 ROHM-PML10_11 Datasheet
924Kb / 4P
Ultra-low Ohmic Resistors for Current Detection(Wide terminal type)
PML18 ROHM-PML18 Datasheet
925Kb / 4P
Ultra-low Ohmic Resistors for Current Detection(Wide terminal type)
PML100 ROHM-PML100_09 Datasheet
148Kb / 4P
Ultra-low Ohmic Resistors for Current Detection(Wide terminal type)
PMR10 ROHM-PMR10_10 Datasheet
167Kb / 5P
Ultra-Low Ohmic Resistors for Current Detection
PML10_1111 ROHM-PML10_1111 Datasheet
128Kb / 4P
Ultra-low Ohmic Resistors for Current Detection(Wide terminal type)
PML18_1111 ROHM-PML18_1111 Datasheet
128Kb / 4P
Ultra-low Ohmic Resistors for Current Detection(Wide terminal type)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com