Electronic Components Datasheet Search
  English  ▼

X  

PML100 Datasheet(PDF) 2 Page - Rohm

Part # PML100
Description  Ultra-low Ohmic Resistors for Current Detection(Wide terminal type)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

PML100 Datasheet(HTML) 2 Page - Rohm

  PML100 Datasheet HTML 1Page - Rohm PML100 Datasheet HTML 2Page - Rohm PML100 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/2
www.rohm.com
○
c
2010 ROHM Co., Ltd. All rights reserved.
2010.06 - Rev.B
Data Sheet
PML100
Part No. Explanation
PM
1
L
0
H Z P
J
V
0
Special part number
Packaging Specifications Code
Part No.
HZP
Part No.
Resistance tolerance
J(
±5%)
Code
Embossed tape (4mm Pitch)
φ180mm (7inch )
Packaging specifications
Reel
2,000
Basic ordering unit (pcs)
Reel (
φ180mm) : Compatible with JEITA standard "EIAJ ET-7200B"
: Standard product
Resistance tolerance
±5%
J
PML100
Nominal resistance
Resistance code, 3 digits.
Resistance
Value
3 digits(J)
1m
Ω
2m
Ω
1.5m
Ω
2L0
2.2m
Ω
2L2
1L5
1L0
0.5m
Ω
0L5
Packaging
AB
C
D
12.0
±0.3
5.5
±0.05
1.75
±0.1
3.5
±0.2
6.7
±0.2
4.0
±0.1
4.0
±0.1
2.0
±0.05
Max. 1.1
φ180
0
−3
φ60
+1
0
φ13±0.2
13
±0.3
φ1.5 +0.1
0
C
AB
D
Label
Reel
Taping
A0
P1
P0
P2
K
φD
EIAJ ET-7200B compliant
(Unit : mm)
(Unit : mm)
WF
E
A0
B0
D0
P0
P1
P2
K



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com