Electronic Components Datasheet Search
  English  ▼

X  

LT3022IDHC Datasheet(PDF) 2 Page - Linear Technology

Part # LT3022IDHC
Description  1A, 0.9V to 10V, Very Low Dropout Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3022IDHC Datasheet(HTML) 2 Page - Linear Technology

  LT3022IDHC Datasheet HTML 1Page - Linear Technology LT3022IDHC Datasheet HTML 2Page - Linear Technology LT3022IDHC Datasheet HTML 3Page - Linear Technology LT3022IDHC Datasheet HTML 4Page - Linear Technology LT3022IDHC Datasheet HTML 5Page - Linear Technology LT3022IDHC Datasheet HTML 6Page - Linear Technology LT3022IDHC Datasheet HTML 7Page - Linear Technology LT3022IDHC Datasheet HTML 8Page - Linear Technology LT3022IDHC Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT3022

3022f
absoluTe MaxiMuM raTings
IN Pin Voltage ........................................................ ±10V
OUT Pin Voltage..................................................... ±10V
Input-to-Output Differential Voltage....................... ±10V
ADJ Pin Voltage ..................................................... ±10V
SHDN Pin Voltage .................................................. ±10V
Output Short-Circuit Duration......................... Indefinite
(Note 1)
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3022EDHC#PBF
LT3022EDHC#TRPBF
3022
16-Lead (5mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3022IDHC#PBF
LT3022IDHC#TRPBF
3022
16-Lead (5mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3022EMSE#PBF
LT3022EMSE#TRPBF
3022
16-Lead Plastic MSOP
–40°C to 125°C
LT3022IMSE#PBF
LT3022IMSE#TRPBF
3022
16-Lead Plastic MSOP
–40°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3022EDHC
LT3022EDHC#TR
3022
16-Lead (5mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3022IDHC
LT3022IDHC#TR
3022
16-Lead (5mm
× 3mm) Plastic DFN
–40°C to 125°C
LT3022EMSE
LT3022EMSE#TR
3022
16-Lead Plastic MSOP
–40°C to 125°C
LT3022IMSE
LT3022IMSE#TR
3022
16-Lead Plastic MSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Operating Junction Temperature Range
E-, I-Grades (Notes 2, 3)................... –40°C to 125°C
Storage Temperature Range ................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
MSOP Package ................................................ 300°C
16
15
14
13
12
11
10
9
17
GND
1
2
3
4
5
6
7
8
NC
NC
IN
IN
IN
PGND
PGND
SHDN
NC
NC
OUT
OUT
ADJ
AGND
AGND
NC
TOP VIEW
DHC PACKAGE
16-LEAD (5mm 3mm) PLASTIC DFN
TJMAX = 125°C, θJA = 38°C/W*, θJC = 4°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
*SEE THE APPLICATIONS INFORMATION SECTION
1
2
3
4
5
6
7
8
NC
NC
OUT
OUT
ADJ
AGND
AGND
NC
16
15
14
13
12
11
10
9
NC
NC
IN
IN
IN
PGND
PGND
SHDN
TOP VIEW
MSE PACKAGE
16-LEAD PLASTIC MSOP
17
GND
TJMAX = 125°C, θJA = 38°C/W*, θJC = 5°C/W TO 10°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
*SEE THE APPLICATIONS INFORMATION SECTION
pin conFiguraTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com