Electronic Components Datasheet Search
  English  ▼

X  

EWD Datasheet(PDF) 1 Page - Power-One

Part # EWD
Description  DUAL OUTPUT, 5 WATT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

EWD Datasheet(HTML) 1 Page - Power-One

  EWD Datasheet HTML 1Page - Power-One EWD Datasheet HTML 2Page - Power-One EWD Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
(888) IPD-CONVerters q (888) 473-2668 q www.ipdconverters.com
C-66
45
50
55
60
65
70
75
80
85
90
10
20
30
40
50
60
70
80
90
10
LOAD %
EFF. EWS1212
EFF. EWS1215
50
55
60
65
70
75
80
85
90
10
20
30
40
50
60
70
80
90
100
LOAD %
EFF. (505)
EFF. (512)
EFF. (515)
TECHNICAL SPECIFICATIONS
Voltage Range
5V DC Nominal
4.5 - 9 VDC
12 VDC Nominal
9 - 18 VDC
Reflected Ripple
20% I
in Max.
Reverse Input Current
100% I
in Max.
EWD dual output DC/DC converters offer excellent
regulation and isolation in an industry standard
package. Available in several input versions, the EWD
is perfect for industrial, datacom, or telecom
applications. The EWD features short circuit
protection, six-sided shielding, and 500 VDC isolation.
Please see the EWS series for single output
applications.
• Industry Standard Package
• Industry Standard Pinout
• 85°C Case Operation
• Short Circuit Protection
• 5V and 12V Inputs
• Input Pi Filter
• 6-Sided Shielding
• Regulated Outputs
• 500V Isolation
Input
Switching Frequency
200 kHz
Isolation
Input - Output
500 VDC
Isolation Resistance - Input to Output
109 Ohms
Standard Case Operating Range
-25 To +85°C
Storage Range
-40 To +125°C
Humidity Max., Non-Condensing
95%
Vibration, 3 Axes, 5 Min. each
5 g, 10 - 55 Hz
Safety
UL, CUL, TUV
Weight (Approx.)
1.4 oz
General
DESCRIPTION
FEATURES
EWD SERIES - DUAL OUTPUT, 5 WATT
Setpoint Accuracy
±1%
Line Regulation V
in Min. - Vin Max., Iout Rated
±1.0% V
out
Load Regulation I
out Min. - Iout Max., Vin Nom.
±1.0% V
out
Minimum Output Current
10 % I
out Rated
Dynamic Regulation, Loadstep
25% I
out
Pk Deviation
1% V
out
Settling Time
500
µs
Temperature Coefficient
0.02%/°C
Ripple and Noise, 20 MHz BW
1% V
out Nom.
Short Circuit Protection 1
Hiccup
Current Limit
130%
Output
Efficiency vs. Load (5V Input)
Efficiency vs. Load (12V Input)
1
Converter will auto-restart once fault has been removed.
Specifications typically at 25°C, normal line, and full load unless otherwise
stated.
Soldering Conditions: I/O pins, 260°C, ten seconds; fully compatible with
commercial wave-soldering equipment.
Safety: Agency approvals may vary from model to model. Please consult
factory
for specific model information.
Notes


Similar Description - EWD

ManufacturerPart #DatasheetDescription
logo
Power-One
FRD POWER-ONE-FRD Datasheet
86Kb / 3P
DUAL OUTPUT, 5 WATT
logo
Recom International Pow...
REC5-123.3SRWH4 RECOM-REC5-123.3SRWH4 Datasheet
104Kb / 3P
5 Watt DIP24 / SMD Single & Dual Output
RAC05-3.3SA RECOM-RAC05-3.3SA Datasheet
87Kb / 2P
5 Watt Single & Dual Output
REC5-053.3SRW RECOM-REC5-053.3SRW Datasheet
84Kb / 3P
5 Watt DIP24 & SMD Single & Dual Output
REC5-XX3.3SRWH RECOM-REC5-XX3.3SRWH Datasheet
134Kb / 4P
5 Watt DIP24 & SMD Single & Dual Output
RAC05-C RECOM-RAC05-C Datasheet
101Kb / 3P
5 Watt Single / Dual Output
REC5-053.3SRW-H RECOM-REC5-053.3SRW-H Datasheet
120Kb / 4P
5 Watt DIP24 & SMD Single & Dual Output
RAC05-S-DA RECOM-RAC05-S-DA Datasheet
137Kb / 2P
5 Watt Single/Dual Output
RAC05-S-DC RECOM-RAC05-S-DC Datasheet
101Kb / 3P
5 Watt Single / Dual Output
R5M RECOM-R5M Datasheet
779Kb / 5P
5 Watt SMD Single & Dual Output
REV.: 0/2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com