Electronic Components Datasheet Search
  English  ▼

X  

FRD Datasheet(PDF) 1 Page - Power-One

Part # FRD
Description  DUAL OUTPUT, 5 WATT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

FRD Datasheet(HTML) 1 Page - Power-One

  FRD Datasheet HTML 1Page - Power-One FRD Datasheet HTML 2Page - Power-One FRD Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
(888) IPD-CONVerters q (888) 473-2668 q www.ipdconverters.com
C-64
25
30
35
40
45
50
55
60
65
70
10
20
30
40
50
60
70
80
90
10
LOAD %
EFF. FRD4812
EFF. FRD4815
35
40
45
50
55
60
65
70
75
80
10
20
30
40
50
60
70
80
90
10
LOAD %
EFF. FRD2812
EFF. FRD2815)
TECHNICAL SPECIFICATIONS
DESCRIPTION
FEATURES
Efficiency vs. Load (48V Input)
Efficiency vs. Load (28V Input)
FRD SERIES - DUAL OUTPUT, 5 WATT
• Wide Input Range
• Trim and Enable Pins
• Remote Sense Pins
• 500V Isolation
• Short Circuit Protection
• 6-Sided Shielding
Notes
†
MTBF predictions may vary slightly from model to model.
Specifications typically at 25°C, normal line, and full load, unless otherwise stated.
Soldering Conditions: I/O pins, 260°C, ten seconds; fully compatible with
commercial wave-soldering equipment.
Safety: Agency approvals may vary from model to model. Please consult factory
for specific model information.
FRD dual output DC/DC converters offer excellent
regulation and isolation in an industry standard
package. Available in several input versions, the FRD
is perfect for industrial, datacom, or telecom
applications. The FRD features short circuit
protection, six-sided shielding, and 500 VDC isolation.
Please see the FRS series for single output applications.
Input
Voltage Range
5V, 12V, 24V, 28V, and 48V Nominal
See selection chart for specific input range.
Reflected Ripple
20% I
in Max.
Reverse Input Current
100% I
in Max.
General
Switching Frequency
20 kHz
Isolation
Input - Output
500 VDC
Isolation Resistance - Input to Output
109 Ohms
Case Temperature
Operating Range
-25 To +85°C
Storage Range
-40 To +125°C
Humidity Max, Non-Condensing
95%
Temperature Coefficient
±0.02%/°C
Vibration, 3 Axes, 5 Min Each
5 g, 10 - 55 Hz
Safety
Consult Factory
Weight (Approx.)
2.2 oz
Output
Setpoint Accuracy
±1% V
out
Line Regulation V
in Min. - Vin Max., Iout Rated
±0.15% V
out
Load Regulation I
out Min. - Iout Max., Vin Nom.
±0.15% V
out Iout Rated
Minimum Output Current
10 % l
out Rated
Short Circuit Protection1
Continuous


Similar Part No. - FRD

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
FRD1-156 MULTICOMP-FRD1-156 Datasheet
183Kb / 1P
Crimp Terminals
23/12/20 V1.0
logo
Timeguard
FRD1000 TIMEGUARD-FRD1000 Datasheet
909Kb / 2P
IP65 6W LED Fire Rated Downlight
13/02/2025
FRD1001 TIMEGUARD-FRD1001 Datasheet
916Kb / 3P
IP65 6W LED Fire Rated Downlight with Integrated PIR motion detector
13/02/2025
logo
SanRex Corporation
FRD100BA60 SANREX-FRD100BA60 Datasheet
294Kb / 2P
DIODE MODULE(F.R.D)
FRD100CA100 SANREX-FRD100CA100 Datasheet
102Kb / 2P
DIODE MODULE
More results

Similar Description - FRD

ManufacturerPart #DatasheetDescription
logo
Power-One
EWD POWER-ONE-EWD Datasheet
78Kb / 3P
DUAL OUTPUT, 5 WATT
logo
Recom International Pow...
REC5-123.3SRWH4 RECOM-REC5-123.3SRWH4 Datasheet
104Kb / 3P
5 Watt DIP24 / SMD Single & Dual Output
RAC05-3.3SA RECOM-RAC05-3.3SA Datasheet
87Kb / 2P
5 Watt Single & Dual Output
REC5-053.3SRW RECOM-REC5-053.3SRW Datasheet
84Kb / 3P
5 Watt DIP24 & SMD Single & Dual Output
REC5-XX3.3SRWH RECOM-REC5-XX3.3SRWH Datasheet
134Kb / 4P
5 Watt DIP24 & SMD Single & Dual Output
RAC05-C RECOM-RAC05-C Datasheet
101Kb / 3P
5 Watt Single / Dual Output
REC5-053.3SRW-H RECOM-REC5-053.3SRW-H Datasheet
120Kb / 4P
5 Watt DIP24 & SMD Single & Dual Output
RAC05-S-DA RECOM-RAC05-S-DA Datasheet
137Kb / 2P
5 Watt Single/Dual Output
RAC05-S-DC RECOM-RAC05-S-DC Datasheet
101Kb / 3P
5 Watt Single / Dual Output
R5M RECOM-R5M Datasheet
779Kb / 5P
5 Watt SMD Single & Dual Output
REV.: 0/2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com