Electronic Components Datasheet Search
  English  ▼

X  

LT3071 Datasheet(PDF) 22 Page - Linear Technology

Part # LT3071
Description  5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator with Analog Margining
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3071 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT3071 Datasheet HTML 18Page - Linear Technology LT3071 Datasheet HTML 19Page - Linear Technology LT3071 Datasheet HTML 20Page - Linear Technology LT3071 Datasheet HTML 21Page - Linear Technology LT3071 Datasheet HTML 22Page - Linear Technology LT3071 Datasheet HTML 23Page - Linear Technology LT3071 Datasheet HTML 24Page - Linear Technology LT3071 Datasheet HTML 25Page - Linear Technology LT3071 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LT3071

3071f
ApplicAtions inFormAtion
Calculating Junction Temperature
Example:Givenanoutputvoltageof0.9V,aninputvoltage
rangeof1.2V±5%,aBIASvoltageof2.5V,amaximumout-
putcurrentof4Aandamaximumambienttemperatureof
50°C,whatwillthemaximumjunctiontemperaturebe?
Thepowerdissipatedbythedeviceequals:
IOUT(MAX)•(VIN(MAX)–VOUT)+(IBIAS–IGND)•VOUT
+IGND•VBIAS
where:
IOUT(MAX)=4A
VIN(MAX)=1.26V
IBIASat(IOUT=4A,VBIAS=2.5V)=6.91mA
IGNDat(IOUT=4A,VBIAS=2.5V)=0.87mA
thus:
P=4A•(1.26V–0.9V)+(6.91mA–0.87mA)•0.9V
+0.87mA•2.5V=1.448W
With the QFN package soldered to maximum copper
area,thethermalresistanceis30°C/W.Sothejunction
temperatureriseaboveambientequals:
1.448Wat30°C/W=43.44°C
Themaximumjunctiontemperatureequalsthemaximum
ambienttemperatureplusthemaximumjunctiontempera-
tureriseaboveambientor:
TJMAX=50°C+43.44°C=93.44°C
Applications that cannot support extensive PCB space
forheatsinkingtheLT3071requireaderatingofoutput
currentorincreasedairflow.
Paralleling Devices for Higher IOUT
MultipleLT3071smaybeparalleledtoobtainhigheroutput
current.Thisparallelingconceptborrowsfromthescheme
employedbytheLT3080.
Toaccomplishthisparalleling,tietheREF/BYPpinsof
theparalleledregulatorstogether.Thiseffectivelygives
anaveragedvalueofmultiple600mVreferencevoltage
sources.TietheOUTpinsoftheparalleledregulatorsto
thecommonloadplanethroughasmallpieceofPCtrace
ballastoranactualsurfacemountsenseresistorbeyond
theprimaryoutputcapacitorsofeachregulator.There-
quiredballastisdependentupontheapplicationoutput
voltageandpeakloadcurrent.Therecommendedballast
isthatvaluewhichcontributes1%toloadregulation.For
example,twoLT3071regulatorsconfiguredtooutput1V,
sharinga10Aloadrequire2mΩofballastateachoutput.
TheKelvinSENSEpinsconnecttotheregulatorsideof
theballastresistorstokeeptheindividualcontrolloops
fromconflictingwitheachother(seeFigures8and9).
Keepthisballasttraceareafreeofsoldertomaintaina
controlledresistance.
Table4showsasimpleguidelineforPCBtraceresistance
asafunctionofweightandtracewidth.
Table 4. PC Board Trace Resistance
WEIGHT (Oz)
100 MIL WIDTH*
200 MIL WIDTH*
1
5.43
2.71
2
2.71
1.36
*Traceresistanceismeasuredinmilliohms/in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com