Electronic Components Datasheet Search
  English  ▼

X  

HAD Datasheet(PDF) 1 Page - Power-One

Part # HAD
Description  DUAL OUTPUT, 30 WATT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

HAD Datasheet(HTML) 1 Page - Power-One

  HAD Datasheet HTML 1Page - Power-One HAD Datasheet HTML 2Page - Power-One HAD Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
(888) IPD-CONVerters q (888) 473-2668 q www.ipdconverters.com
C-76
HAD dual output DC/DC converters feature high
efficiency, open-frame packaging, and 1500 VDC
isolation. The HAD family allows board designers
to deliver any combination of power from
either output, up to each model’s maximum rating.
The HAD uses planar magnetics and has an MTBF of
over a million hours.
• Independent Dual 5V and
3.3V Outputs
• Flexible Load Sharing
• High Efficiency Topology
• Open-Frame Design
• Trim And Enable Pins
• Fixed Frequency
• 1500V Isolation
• Planar Magnetics
DESCRIPTION
FEATURES
HAD SERIES - DUAL OUTPUT, 30 WATT
40
45
50
55
60
65
70
75
80
10
20
30
40
50
60
70
80
90
100
LOAD %
HAD030ZGE-A
Efficiency vs. Load (48V Input)
TECHNICAL SPECIFICATIONS
Voltage Range
24 VDC / 48 VDC Nominal
18 - 36 / 34 - 75 VDC
Reflected Ripple
60 mA
Input Reverse Voltage Protection
Shunt Diode
Input Transient Withstand
100 V/100 ms
UVLO 24V Input / 48V Input
17V on, 15V off / 33V on, 30V off
Inrush Current Limit
1A2/S
Input
Setpoint Accuracy
±1%
Line Regulation V
in
Min. - V
in
Max., I
out
Rated
1.0% V
out
Load Regulation I
out
Min. - I
out
Max., V
in
Nom.
1.0% V
out
Minimum Output Current, 5V/3.3V
300 mA/500 mA
Dynamic Regulation, Loadstep
25% I
out
Pk Deviation
4% V
out
Settling Time
500
µs
Voltage Trim Range
±10%
Power Limit Threshold Range, % of I
out
Rated
110 - 140%
OVP Trip Range
115 - 140% V
out
Nom.
OVP Type
Hiccup
Overcurrent Protection Type
Continuous
Output
Notes
1 For negative logic, add suffix “N” to model number.
† MTBF predictions may vary slightly from model to model.
Specifications typically at 25°C, normal line, and full load, unless otherwise
stated.
Soldering Conditions: I/O pins, 260°C, ten seconds; fully compatible with
commercial wave-soldering equipment.
Safety: Agency approvals may vary from model to model. Please consult factory
for specific model information.
Units are water-washable and fully compatible with commercial spray or
immersion post wave-solder washing equipment.
General
Turn-On Time
10 ms
Remote Shutdown1
Positive Logic
Switching Frequency
500 kHz
Isolation
Input - Output
1500 VDC
Input - Case
1050 VDC
Output - Case
500 VDC
Temperature Coefficient
0.03%/°C
Case Temperature
Operating Range
-40 To +100°C
Storage Range
-40 To +125°C
Thermal Shutdown Range
105 To 115°C
Humidity Max., Non-Condensing
95%
Vibration, 3 Axes, 5 Min Each
5 g
MTBF† (Bellcore TR-NWT-000332)
1.3 x 106 hrs
Safety
Consult Factory
Weight (approx.)
2.4 oz


Similar Part No. - HAD

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
HAD-141N HUAXINAN-HAD-141N Datasheet
260Kb / 3P
Surge Absorber
HAD-201M HUAXINAN-HAD-201M Datasheet
260Kb / 3P
Surge Absorber
HAD-301M HUAXINAN-HAD-301M Datasheet
260Kb / 3P
Surge Absorber
logo
SL Power Electronics
HAD12-0.4-A+ SLPOWER-HAD12-0.4-A+ Datasheet
720Kb / 7P
Commercial/Medical International Linears
HAD12-0.4-A+G SLPOWER-HAD12-0.4-A+G Datasheet
374Kb / 7P
DC Power Supplies
More results

Similar Description - HAD

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP30-241.5SEW RECOM-RP30-241.5SEW Datasheet
97Kb / 4P
30 Watt Single & Dual Output
REC30-242.5SRWZ RECOM-REC30-242.5SRWZ Datasheet
78Kb / 2P
30 Watt Single & Dual Output
RP30-121.5SE RECOM-RP30-121.5SE_06 Datasheet
86Kb / 4P
30 Watt Single & Dual Output
RP30-241.5SEW RECOM-RP30-241.5SEW_06 Datasheet
86Kb / 4P
30 Watt Single & Dual Output
RPP30-W RECOM-RPP30-W Datasheet
139Kb / 4P
30 Watt Single & Dual Output
RPR30-243.3S RECOM-RPR30-243.3S Datasheet
196Kb / 6P
30 Watt Single & Dual Output
RP30-E RECOM-RP30-E Datasheet
516Kb / 9P
30 Watt Single & Dual Output
RP30-EW RECOM-RP30-EW Datasheet
559Kb / 8P
30 Watt Single & Dual Output
RP30-F RECOM-RP30-F Datasheet
562Kb / 8P
30 Watt Single & Dual Output
RACM30-K_277 RECOM-RACM30-K_277 Datasheet
1Mb / 10P
30 Watt Single/Dual Output
REV.: 0/2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com