Electronic Components Datasheet Search
  English  ▼

X  

LT3071MPUFD Datasheet(PDF) 3 Page - Linear Technology

Part # LT3071MPUFD
Description  5A, Low Noise, Programmable Output, 85mV Dropout Linear Regulator with Analog Margining
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3071MPUFD Datasheet(HTML) 3 Page - Linear Technology

  LT3071MPUFD Datasheet HTML 1Page - Linear Technology LT3071MPUFD Datasheet HTML 2Page - Linear Technology LT3071MPUFD Datasheet HTML 3Page - Linear Technology LT3071MPUFD Datasheet HTML 4Page - Linear Technology LT3071MPUFD Datasheet HTML 5Page - Linear Technology LT3071MPUFD Datasheet HTML 6Page - Linear Technology LT3071MPUFD Datasheet HTML 7Page - Linear Technology LT3071MPUFD Datasheet HTML 8Page - Linear Technology LT3071MPUFD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LT3071

3071f
electricAl chArActeristics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. COUT = 15µF (Note 9), VIN = VOUT + 0.3V (Note 5), VBIAS = 2.5V unless
otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPinVoltageRange
VIN≥VOUT+150mV,IOUT=5A
l
0.95
3.0
V
BIASPinVoltageRange(Note3)
l
2.2
3.6
V
RegulatedOutputVoltage
VOUT=0.8V,10mA≤IOUT≤5A,1.05V≤VIN≤1.25V
VOUT=0.9V,10mA≤IOUT≤5A,1.15V≤VIN≤1.35V
VOUT=1V,10mA≤IOUT≤5A,1.25V≤VIN≤1.45V
VOUT=1.1V,10mA≤IOUT≤5A,1.35V≤VIN≤1.55V
VOUT=1.2V,10mA≤IOUT≤5A,1.45V≤VIN≤1.65V,VBIAS=3.3V
VOUT=1.5V,10mA≤IOUT≤5A,1.75V≤VIN≤1.95V,VBIAS=3.3V
VOUT=1.8V,10mA≤IOUT≤5A,2.05V≤VIN≤2.25V,VBIAS=3.3V
l
l
l
l
l
l
l
0.792
0.891
0.990
1.089
1.188
1.485
1.782
0.800
0.900
1.000
1.100
1.200
1.500
1.800
0.808
0.909
1.010
1.111
1.212
1.515
1.818
V
V
V
V
V
V
V
RegulatedOutputVoltageMargining
(Note3)
MARGA=1.2V
MARGA=0V
l
l
9.5
–10.5
10
–10
10.5
–9.5
%
%
LineRegulationtoVIN
VOUT=0.8V,∆VIN=1.05Vto2.7V,VBIAS=3.3V,IOUT=10mA
VOUT=1.8V,∆VIN=2.05Vto2.7V,VBIAS=3.3V,IOUT=10mA
l
l
1.0
1.0
mV
mV
LineRegulationtoVBIAS
VOUT=0.8V,∆VBIAS=2.2Vto3.6V,VIN=1.1V,IOUT=10mA
VOUT=1.8V,∆VBIAS=3.25Vto3.6V,VIN=2.1V,IOUT=10mA
l
l
2.0
1.0
mV
mV
LoadRegulation,
∆IOUT=10mAto5A
VBIAS=2.5V,VIN=1.05V,VOUT=0.8V
l
–1.5
–3.0
–5.5
mV
mV
VBIAS=2.5V,VIN=1.25V,VOUT=1.0V
l
–2
–4.0
–7.5
mV
mV
VBIAS=3.3V,VIN=1.45V,VOUT=1.2V
l
–2
–4.0
–7.5
mV
mV
VBIAS=3.3V,VIN=1.75V,VOUT=1.5V
l
–2.5
–5.0
–9.0
mV
mV
VBIAS=3.3V,VIN=2.05V,VOUT=1.8V
l
–3
–7.0
–13
mV
mV
DropoutVoltage,
VIN=VOUT(NOMINAL)(Note6)
IOUT=1A,VOUT=1V
l
20
35
mV
IOUT=2.5A,VOUT=1V
l
50
65
85
mV
mV
IOUT=5A,VOUT=1V
l
85
120
150
mV
mV
SENSEPinCurrent
VIN=1.1V,VSENSE=0.8V
VBIAS=3.3V,VIN=2.1V,VSENSE=1.8V
l
l
35
200
50
300
65
400
µA
µA
GroundPinCurrent,
VIN=1.3V,VOUT=1V
IOUT=10mA
IOUT=5A
l
l
0.65
0.9
1.1
1.35
1.8
2.3
mA
mA
BIASPinCurrentinNapMode
EN=Low(AfterPORCompleted)
l
120
200
320
µA
BIASPinCurrent,
VIN=1.3V,VOUT=1V
IOUT=10mA
IOUT=100mA
IOUT=500mA
IOUT=1A
IOUT=2.5A
IOUT=5A
l
l
l
l
l
l
0.75
1.25
2.0
2.6
3.5
4.5
1.08
1.8
3.0
3.8
5.2
6.9
1.5
2.4
4.0
5.0
7.0
10.0
mA
mA
mA
mA
mA
mA
CurrentLimit(Note5)
VIN–VOUT<0.3V,VBIAS=3.3V
VIN–VOUT=1.0V,VBIAS=3.3V
VIN–VOUT=1.7V,VBIAS=3.3V
l
l
l
5.1
3.2
1.2
6.4
4.5
2.5
7.7
5.8
4.3
A
A
A
IMONFull-ScaleOutputCurrent
IOUT=5A,VIN–VOUT=0.3V,VOUT=0.8V,1.8V
l
1.6
2.0
2.4
mA
IMON/IOUTScale
1A≤IOUT≤5A,VIN–VOUT=0.3V,VOUT=0.8V,1.8V
l
340
400
460
µA/A
ReverseOutputCurrent(Note8)
VIN=0V,VOUT=1.8V
l
300
450
µA
PWRGDVOUTThreshold
PercentageofVOUT(NOMINAL),VOUTRising
PercentageofVOUT(NOMINAL),VOUTFalling
l
l
87
82
90
85
93
88
%
%
PWRGDVOL
IPWRGD=200µA(FaultCondition)
l
50
150
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com