Electronic Components Datasheet Search
  English  ▼

X  

EPF8282AV Datasheet(PDF) 47 Page - Altera Corporation

Part # EPF8282AV
Description  Programmable Logic Device Family
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF8282AV Datasheet(HTML) 47 Page - Altera Corporation

Back Button EPF8282AV Datasheet HTML 43Page - Altera Corporation EPF8282AV Datasheet HTML 44Page - Altera Corporation EPF8282AV Datasheet HTML 45Page - Altera Corporation EPF8282AV Datasheet HTML 46Page - Altera Corporation EPF8282AV Datasheet HTML 47Page - Altera Corporation EPF8282AV Datasheet HTML 48Page - Altera Corporation EPF8282AV Datasheet HTML 49Page - Altera Corporation EPF8282AV Datasheet HTML 50Page - Altera Corporation EPF8282AV Datasheet HTML 51Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 62 page
background image
Altera Corporation
47
FLEX 8000 Programmable Logic Device Family Data Sheet
3
Table 42. EPF81188A I/O Element Timing Parameters
Symbol
Speed Grade
Unit
A-2
A-3
A-4
Min
Max
Min
Max
Min
Max
tIOD
0.7
0.8
0.9
ns
tIOC
1.7
1.8
1.9
ns
tIOE
1.7
1.8
1.9
ns
tIOCO
1.0
1.0
1.0
ns
tIOCOMB
0.3
0.2
0.1
ns
tIOSU
1.4
1.6
1.8
ns
tIOH
0.0
0.0
0.0
ns
tIOCLR
1.2
1.2
1.2
ns
tIN
1.5
1.6
1.7
ns
tOD1
1.1
1.4
1.7
ns
tOD2
1.6
1.9
2.2
ns
tOD3
4.6
4.9
5.2
ns
tXZ
1.4
1.6
1.8
ns
tZX1
1.4
1.6
1.8
ns
tZX2
1.9
2.1
2.3
ns
tZX3
4.9
5.1
5.3
ns
Table 43. EPF81188A Interconnect Timing Parameters
Symbol
Speed Grade
Unit
A-2
A-3
A-4
Min
Max
Min
Max
Min
Max
tLABCASC
0.3
0.3
0.4
ns
tLABCARRY
0.3
0.3
0.4
ns
tLOCAL
0.5
0.6
0.8
ns
tROW
5.0
5.0
5.0
ns
tCOL
3.0
3.0
3.0
ns
tDIN_C
5.0
5.0
5.5
ns
tDIN_D
7.0
7.0
7.5
ns
tDIN_IO
5.0
5.0
5.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com