Electronic Components Datasheet Search
  English  ▼

X  

HBD Datasheet(PDF) 1 Page - Power-One

Part # HBD
Description  HBD SERIES - DUAL OUTPUT, 60 WATT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

HBD Datasheet(HTML) 1 Page - Power-One

  HBD Datasheet HTML 1Page - Power-One HBD Datasheet HTML 2Page - Power-One HBD Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
(888) IPD-CONVerters q (888) 473-2668 q www.ipdconverters.com
1
HBD060YGE-A
60
65
70
75
80
85
10
20
30
40
50
60
70
80
90
100
LOAD %
EFF. (18V)
EFF. (24V)
EFF. (36V)
50
55
60
65
70
75
80
85
10
20
30
40
50
60
70
80
90
100
LOAD %
HBD060ZGE-A
HBD040ZGE-A
HBD040ZED-A
HBD SERIES - DUAL OUTPUT, 60 WATT
• Independent Trim
For Each Output
• 1500V Isolation
• 100°C Baseplate
Operation
TECHNICAL SPECIFICATIONS
Voltage Range
24 VDC Nominal
18.00 - 36.00 VDC
48 VDC Nominal
34.00 - 75.00 VDC
Reflected Ripple
80 mA
Input Reverse Voltage Protection
Shunt Diode
HBD dual output, DC/DC converters feature high
efficiency, 1500 VDC isolation, and open-frame
packaging. The HBD family allows board designers
to deliver any combination of power from
either output, up to each model’s maximum rating.
The HBD is available in 5V/3.3V or 3.3V/2.5V
combinations in either a 24V or 48V input version. The
HBD uses planar magnetics and has an MTBF of over a
million hours.
• Independent Dual Outputs
• Flexible Load Sharing
• High Efficiency Topology
• Open-Frame Design
• Planar Magnetics
DESCRIPTION
FEATURES
Input
Efficiency vs. Load (24V Input)
Efficiency vs. Load (48V Input)
Notes
1 For negative logic, add suffix “N” to model number.
† MTBF predictions may vary slightly from model to model.
Specifications typically at 25°C, normal line, and full load, unless otherwise
stated.
Soldering Conditions: I/O pins, 260°C, ten seconds; fully compatible with
commercial wave-soldering equipment.
Safety: Agency approvals may vary from model to model. Please consult factory
for specific model information.
Units are water-washable and fully compatible with commercial spray or
immersion post wave-solder washing equipment.
Turn-On Time
10 ms
Remote Shutdown
Positive Logic
Switching Frequency
500 kHz
Isolation
Input - Output
1500 VDC
Input - Case
1050 VDC
Output - Case
500 VDC
Temperature Coefficient
0.03%/°C
Case Temperature
Operating Range
-40 To +100°C
Storage Range
-40 To +125°C
Thermal Shutdown Range
105 To 115°C
Humidity Max., Non-Condensing
95%
Vibration, 3 Axes, 5 Min Each
5 g
MTBF† (Bellcore TR-NWT-000332)
1.3 x 106 Hrs
Safety
UL, CUL, VDE
Weight (approx.)
2.4 oz
General
Setpoint Accuracy
±1%
Line Regulation V
in
Min. - V
in
Max., I
out
Rated, Output 1
0.2% V
out
Line Regulation V
in
Min. - V
in
Max., I
out
Rated, Output 2
1.0% V
out
Load Regulation I
out
Min. - I
out
Max., V
in
Nom., Output 1
0.5% V
out
Load Regulation I
out
Min. - I
out
Max., V
in
Nom., Output2
1.0% V
out
Minimum Output Current
10% I
out
Rated
Dynamic Regulation, Loadstep
25% I
out
Pk Deviation
4% V
out
Settling Time
500
µs
Voltage Trim Range (5V/3.3V Units)
±10%
Power Limit Threshold Range, % of I
out
Rated
110 - 140%
OVP Trip Range (Main Ouput)
115 - 140% V
out
Nom.
Output


Similar Part No. - HBD

ManufacturerPart #DatasheetDescription
logo
Power-One
HBD040YED-A POWER-ONE-HBD040YED-A Datasheet
189Kb / 3P
HBD SERIES - DUAL OUTPUT, 60 WATT
HBD040YGE-A POWER-ONE-HBD040YGE-A Datasheet
189Kb / 3P
HBD SERIES - DUAL OUTPUT, 60 WATT
HBD040ZED-A POWER-ONE-HBD040ZED-A Datasheet
189Kb / 3P
HBD SERIES - DUAL OUTPUT, 60 WATT
HBD040ZGE-A POWER-ONE-HBD040ZGE-A Datasheet
189Kb / 3P
HBD SERIES - DUAL OUTPUT, 60 WATT
HBD060YGE-A POWER-ONE-HBD060YGE-A Datasheet
189Kb / 3P
HBD SERIES - DUAL OUTPUT, 60 WATT
More results

Similar Description - HBD

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP60-123.3SE RECOM-RP60-123.3SE Datasheet
97Kb / 4P
60 Watt Single, Dual & Positive Dual Output
RAC60-05SA RECOM-RAC60-05SA Datasheet
76Kb / 2P
60 Watt Single Output
logo
Wall Industries,Inc.
PSD60 WALL-PSD60 Datasheet
154Kb / 3P
60 Watt Dual Output AC/DC Power Supply
logo
Recom International Pow...
RPM30-12XXS_DE RECOM-RPM30-12XXS_DE Datasheet
73Kb / 1P
30-60 Watt Single , Dual & Triple Output
RACD60 RECOM-RACD60 Datasheet
114Kb / 3P
60 Watt PFC Single Output
logo
Power-One
HBD060ZGE-AS3 POWER-ONE-HBD060ZGE-AS3 Datasheet
189Kb / 3P
HBD SERIES - DUAL OUTPUT, 60 WATT
logo
Recom International Pow...
RAC60-24SB RECOM-RAC60-24SB Datasheet
98Kb / 2P
60 Watt Single Output
RP60-G RECOM-RP60-G Datasheet
458Kb / 8P
60 Watt Single Output
RAC60-SB RECOM-RAC60-SB Datasheet
100Kb / 2P
60 Watt Single Output
logo
ETA-USA
DTL01FWX-W ETA-USA-DTL01FWX-W Datasheet
850Kb / 6P
60 WATT DUAL OUTPUT SWITCHING ADAPTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com