Electronic Components Datasheet Search
  English  ▼

X  

SMLP3 Datasheet(PDF) 3 Page - Rohm

Part # SMLP3
Description  The smallest 3 color type LED in the world PICOLED-RGB
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SMLP3 Datasheet(HTML) 3 Page - Rohm

  SMLP3 Datasheet HTML 1Page - Rohm SMLP3 Datasheet HTML 2Page - Rohm SMLP3 Datasheet HTML 3Page - Rohm SMLP3 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMLP3 Series
Rank Reference of Brightness
SMLP34RGB
SMLP36RGB
Package
size
(mm)
Height
(mm)
Luminous
Intensity
(mcd)
Emitting Color
A
B
C
D
E
F
G
H
J
K
L
M
Mini-mold
Chip LEDs
1010
1510
0.2
Blue
9 to 18
18 to 36
9 to 18
18 to 36
9 to 18
18 to 36
9 to 18
18 to 36
9 to 18
18 to 36
9 to 18 18 to 36
Green
22 to 36
36 to 56
56 to 90
22 to 36
36 to 56
56 to 90
Red
14 to 28
28 to 56
Package
size
(mm)
Height
(mm)
Luminous
Intensity
(mcd)
Emitting Color
A
B
C
D
E
F
G
H
J
K
L
M
Mini-mold
Chip LEDs
1010
1510
0.2
Blue
9 to 18
18 to 36
9 to 18
18 to 36
9 to 18
18 to 36
9 to 18
18 to 36
9 to 18
18 to 36
9 to 18 18 to 36
Green
22 to 36
36 to 56
56 to 90
22 to 36
36 to 56
56 to 90
Red
14 to 28
28 to 56
Part No. Explanation
Packing Specification
ROHM LED products are being shipped with desiccant (silica gel) concluded in moisture-proof bags.
Pasting the moisture sensitive label on the outer surface of the moisture-proof bags or enclosing the humidity indication card inside the bag is available upon request.
Please contact the nearest sales office or distributer if necessary.
∗
Concerning the Brightness rank
• Please refer to the rank chart above for luminous intensity classification.
• Part name is individual for each rank.
• When shipped as sample, the part name will be a representative part name.
General products are free of ranks. Please contact sales if rank appointment is needed.
S M L P 3 4 R
B
A
1 W 3
Brightness rank
(At three color lighting simultaneously <for white LED>)∗
Series name
Package name Terminal Type
Emitting Color
Resin Color
Special Code
Taping Specifications
R
G
B
3 Cathode at sprocket hole side
Red:624nm
Blue:470nm
Green:527nm
W MilkyWhite
G
S M L P 3 6 R
B
A
1 W 3
Brightness rank
(At three color lighting simultaneously <for white LED>)∗
Series name
Package name Terminal Type
Emitting Color
Resin Color
Special Code
Taping Specifications
R
G
B
3 Cathode at sprocket hole side
Red:624nm
Blue:470nm
Green:527nm
W MilkyWhite
G
(Ta=25˚C, IF=5mA)
(Ta=25˚C, IF=5mA)
3/3
© 2010 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2010.05 - Rev.A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com