Electronic Components Datasheet Search
  English  ▼

X  

LTC3677-3 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3677-3
Description  Highly Integrated Portable Product PMIC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3677-3 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3677-3 Datasheet HTML 17Page - Linear Technology LTC3677-3 Datasheet HTML 18Page - Linear Technology LTC3677-3 Datasheet HTML 19Page - Linear Technology LTC3677-3 Datasheet HTML 20Page - Linear Technology LTC3677-3 Datasheet HTML 21Page - Linear Technology LTC3677-3 Datasheet HTML 22Page - Linear Technology LTC3677-3 Datasheet HTML 23Page - Linear Technology LTC3677-3 Datasheet HTML 24Page - Linear Technology LTC3677-3 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
LTC3677-3

36773f
operaTion
Ideal Diode from BAT to VOUT
TheLTC3677-3hasaninternalidealdiodeaswellasa
controllerforanoptionalexternalidealdiode.Boththe
internal and the external ideal diodes respond quickly
wheneverVOUTdropsbelowBAT.Iftheloadincreases
beyondtheinputcurrentlimit,additionalcurrentwillbe
pulledfromthebatteryviatheidealdiodes.Furthermore,if
powertoVBUS(USB)orVOUT(externalwallpowerorhigh
voltageregulator)isremoved,thenalloftheapplication
powerwillbeprovidedbythebatteryviatheidealdiodes.
TheidealdiodesarefastenoughtokeepVOUTfromdrop-
pingsignificantlybelowVBATwithjusttherecommended
outputcapacitor(seeFigure2).Theidealdiodeconsists
ofaprecisionamplifierthatenablesanon-chipP-channel
MOSFETwheneverthevoltageatVOUTisapproximately
15mV(VFWD)belowthevoltageatBAT.Theresistanceof
theinternalidealdiodeisapproximately200mΩ.Ifthisis
sufficientfortheapplication,thennoexternalcomponents
arenecessary.However,iflowerresistanceisneeded,an
externalP-channelMOSFETcanbeaddedfromBATto
VOUT.TheIDGATEpinoftheLTC3677-3drivesthegateof
theexternalP-channelMOSFETforautomaticidealdiode
control.ThesourceoftheMOSFETshouldbeconnectedto
VOUTandthedrainshouldbeconnectedtoBAT.Capableof
drivinga1nFload,theIDGATEpincancontrolanexternal
P-channelMOSFEThavingextremelylowon-resistance.
Using the WALL Pin to Detect the Presence of an
External Power Source
TheWALLinputpincanbeusedtoidentifythepresence
ofanexternalpowersource(particularlyonethatisnot
subjecttoafixedcurrentlimitliketheUSBVBUSinput).
Typically,suchapowersupplywouldbea5Vwalladapter
outputorthelowvoltageoutputofahighvoltagebuck
regulator.Whenthewalladapteroutput(orbuckregulator
output)isconnecteddirectlytotheWALLpin,andthevolt-
ageexceedstheWALLpinthreshold,theUSBpowerpath
(fromVBUStoVOUT)willbedisconnected.Furthermore,
theACPRpinwillbepulledlow.Inorderforthepresence
ofanexternalpowersupplytobeacknowledged,bothof
thefollowingconditionsmustbesatisfied:
1.The WALL pin voltage must exceed approximately
4.3V.
2.TheWALLpinvoltagemustbegreaterthan75mVabove
theBATpinvoltage.
The input power path (between VBUSandVOUT)isre-
enabledandtheACPRpinispulledhighwheneitherof
thefollowingconditionsismet:
1.TheWALLpinvoltagefallstowithin25mVoftheBAT
pinvoltage.
2.TheWALLpinvoltagefallsbelow3.2V.
Each of these thresholds is suitably filtered in time to
preventtransientglitchesontheWALLpinfromfalsely
triggeringanevent.
Suspend Mode
When ILIM0 is pulled high and ILIM1 is pulled low the
LTC3677-3 enters suspend mode to comply with the
USBspecification.Inthismode,thepowerpathbetween
VBUSandVOUTisputinahighimpedancestatetoreduce
theVBUSinputcurrentto50μA.Ifnootherpowersource
is available to drive WALL and VOUT, the system load
connectedtoVOUTissuppliedthroughtheidealdiodes
connectedtoBAT.
4.0V
3.8V
VOUT
3.6V
500mA
–500mA
0
IBAT
IVOUT
LOAD
1A
0A
10µs/DIV
CHARGE
DISCHARGE
36773 F02
VBAT = 3.8V
VBUS = 5V
5x MODE
COUT = 10µF
Figure 2. Ideal Diode Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com