Electronic Components Datasheet Search
  English  ▼

X  

TX810IRHHT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TX810IRHHT
Description  8-Channel, Programmable T/R Switch for Ultrasound
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TX810IRHHT Datasheet(HTML) 2 Page - Texas Instruments

  TX810IRHHT Datasheet HTML 1Page - Texas Instruments TX810IRHHT Datasheet HTML 2Page - Texas Instruments TX810IRHHT Datasheet HTML 3Page - Texas Instruments TX810IRHHT Datasheet HTML 4Page - Texas Instruments TX810IRHHT Datasheet HTML 5Page - Texas Instruments TX810IRHHT Datasheet HTML 6Page - Texas Instruments TX810IRHHT Datasheet HTML 7Page - Texas Instruments TX810IRHHT Datasheet HTML 8Page - Texas Instruments TX810IRHHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
TX810
SLLS996A – SEPTEMBER 2009 – REVISED APRIL 2010
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
TRANSPORT MEDIA,
OPERATING TEMPERATURE
PACKAGED DEVICES
PACKAGE TYPE
QUANTITY
RANGE
TX810IRHHT
Tape and Reel, 250
S-PVQFN-N36
0~70°C
TX810IRHHR
Tape and Reel, 2500
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
Supply Voltage, VD
-0.3 ~ +6
V
Supply Voltage, VP
-0.3 ~ +6
V
Supply Voltage, VN
-6 ~ +0.3
V
Supply Voltage, VB
-0.3 ~ +6
V
Input AC voltage, INn
±100
V
Input at Vsub
-6 ~ +0.3
V
Output current, IO
15
mA
Maximum junction temperature, continuous operation, long term reliability(2) TJ
125°C
Storage temperature range, Tstg
-55°C to 150°C
HBM
500
V
ESD ratings
CDM
750
V
MM
200
V
(1)
Stresses above those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied Exposure to absolute maximum rated conditions for extended periods may degrade device reliability.
(2)
The absolute maximum junction temperature for continuous operation is limited by the package constraints. Operation above this
temperature may result in reduced reliability and/or lifetime of the device.
THERMAL INFORMATION
TX810
THERMAL METRIC(1)
RHH
UNITS
(OLFM Airflow Assumed)
36 PINS
qJA
Junction-to-ambient thermal resistance(2)
29.7
qJC(top)
Junction-to-case(top) thermal resistance (3)
27
qJB
Junction-to-board thermal resistance (4)
7.2
°C/W
yJT
Junction-to-top characterization parameter (5)
0.1
yJB
Junction-to-board characterization parameter (6)
7.2
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, High-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(3)
The junction-to-case(top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC-standard
test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(4)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(5)
The junction-to-top characterization parameter, yJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining qJA, using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-board characterization parameter, yJB estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining qJA , using a procedure described in JESD51-2a (sections 6 and 7).
2
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s) :TX810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com