Electronic Components Datasheet Search
  English  ▼

X  

LTC5582 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC5582
Description  40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5582 Datasheet(HTML) 5 Page - Linear Technology

  LTC5582 Datasheet HTML 1Page - Linear Technology LTC5582 Datasheet HTML 2Page - Linear Technology LTC5582 Datasheet HTML 3Page - Linear Technology LTC5582 Datasheet HTML 4Page - Linear Technology LTC5582 Datasheet HTML 5Page - Linear Technology LTC5582 Datasheet HTML 6Page - Linear Technology LTC5582 Datasheet HTML 7Page - Linear Technology LTC5582 Datasheet HTML 8Page - Linear Technology LTC5582 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC5582

5582f
Typical perForMance characTerisTics
Output Voltage, Linearity Error vs
RF Input Power, 880MHz
Output Voltage Temperature
Variation from 25°C, 880MHz
Linear Error vs RF Input Power,
Modulated Waveforms, 880MHz
Output Voltage, Linearity Error vs
RF Input Power, 2140MHz
Output Voltage Temperature
Variation from 25°C, 2140MHz
Linear Error vs RF Input Power,
Modulated Waveforms, 2140MHz
Output Voltage, Linearity Error vs
RF Input Power, 450MHz
Output Voltage Temperature
Variation from 25°C, 450MHz
Linear Error vs RF Input Power,
Modulated Waveforms, 450MHz
VCC = 3.3V, EN = 3.3V, TA = 25°C unless otherwise
noted. Test circuits shown in Figure 1.
RF INPUT POWER (dBm)
–65
2.8
2.4
1.6
0.8
2.0
1.2
0.4
3
2
0
–2
1
–1
–3
–25
–45
–5
5582 G03
5
–35
–55
–15
TA = 85°C
TA = 25°C
TA = –40°C
Rt1 = 12k
Rt2 = 2k
RF INPUT POWER (dBm)
–65
2.8
2.4
1.6
0.8
2.0
1.2
0.4
3
2
0
–2
1
–1
–3
–25
–45
–5
5582 G06
5
–35
–55
–15
Rt1 = 12k
Rt2 = 2k
TA = 85°C
TA = 25°C
TA = –40°C
RF INPUT POWER (dBm)
–65
3
2
0
–2
1
–1
–3
–25
–45
–5
5582 G04
5
–35
–55
–15
TA = 85°C
TA = –40°C
Rt1 = 12k
Rt2 = 2k
RF INPUT POWER (dBm)
–65
3
2
0
–2
1
–1
–3
–25
–45
–5
5582 G05
5
–35
–55
–15
TA = 25°C
4-CARRIER WCDMA
CW
3-CARRIER CDMA2K
RF INPUT POWER (dBm)
–65
3
2
0
–2
1
–1
–3
–25
–45
–5
5582 G07
5
–35
–55
–15
TA = 85°C
TA = –40°C
Rt1 = 12k
Rt2 = 2k
RF INPUT POWER (dBm)
–65
3
2
0
–2
1
–1
–3
–25
–45
–5
5582 G08
5
–35
–55
–15
TA = 25°C
4-CARRIER WCDMA
CW
3-CARRIER CDMA2K
RF INPUT POWER (dBm)
–65
2.8
2.4
1.6
0.8
2.0
1.2
0.4
3
2
0
–2
1
–1
–3
–25
–45
–5
5582 G09
5
–35
–55
–15
Rt1 = 0
Rt2 = 2k
TA = 85°C
TA = 25°C
TA = –40°C
RF INPUT POWER (dBm)
–65
3
2
0
–2
1
–1
–3
–25
–45
–5
5582 G10
5
–35
–55
–15
TA = 85°C
TA = –40°C
Rt1 = 0
Rt2 = 2k
RF INPUT POWER (dBm)
–65
3
2
0
–2
1
–1
–3
–25
–45
–5
5582 G11
5
–35
–55
–15
TA = 25°C
4-CARRIER WCDMA
CW
3-CARRIER CDMA2K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com