Electronic Components Datasheet Search
  English  ▼

X  

1980000000 Datasheet(PDF) 3 Page - Weidmuller

Part # 1980000000
Description  BLF 5.00/04/90LH SN BK BX
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1980000000 Datasheet(HTML) 3 Page - Weidmuller

  1980000000 Datasheet HTML 1Page - Weidmuller 1980000000 Datasheet HTML 2Page - Weidmuller 1980000000 Datasheet HTML 3Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 5.00 / 5.08 mm (0.197 / 0.200 inch) |
Female PUSH IN socket block with spring connection in 5.00/5.08 pitch | BLF 5.00-5.08/90/270 | BLF 5.00/90LH SN
- 3 -
Notes
Similar products
Order No.
Part designation
Version
1979980000
BLF 5.00/02/90LH SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 2, 90°, Box
1979990000
BLF 5.00/03/90LH SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 3, 90°, Box
1980010000
BLF 5.00/05/90LH SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 5, 90°, Box
1980020000
BLF 5.00/06/90LH SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 6, 90°, Box
1980030000
BLF 5.00/07/90LH SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 7, 90°, Box
1980040000
BLF 5.00/08/90LH SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 8, 90°, Box
1980050000
BLF 5.00/09/90LH SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 9, 90°, Box
1980060000
BLF 5.00/10/90LH SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 10, 90°, Box
1980070000
BLF 5.00/11/90LH SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 11, 90°, Box
1980080000
BLF 5.00/12/90LH SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 12, 90°, Box
1980090000
BLF 5.00/13/90LH SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 13, 90°, Box
1980100000
BLF 5.00/14/90LH SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 14, 90°, Box
1980110000
BLF 5.00/15/90LH SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 15, 90°, Box
1980120000
BLF 5.00/16/90LH SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 16, 90°, Box
1980130000
BLF 5.00/17/90LH SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 17, 90°, Box
1980140000
BLF 5.00/18/90LH SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 18, 90°, Box
1980150000
BLF 5.00/19/90LH SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 19, 90°, Box
1980160000
BLF 5.00/20/90LH SN BK BX
PCB plug-in connector, PUSH IN, Clamping range, max.: 3.31 mm²,
Pitch in mm: 5 mm, No. of poles: 20, 90°, Box



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com