Electronic Components Datasheet Search
  English  ▼

X  

IML10 Datasheet(PDF) 1 Page - Power-One

Part # IML10
Description  10 Watt DC-DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

IML10 Datasheet(HTML) 1 Page - Power-One

  IML10 Datasheet HTML 1Page - Power-One IML10 Datasheet HTML 2Page - Power-One IML10 Datasheet HTML 3Page - Power-One IML10 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
www.power-one.com
Edition 4/04.2001
• Magnetic feedback for single output models
• Short circuit protection
• Industry standard 2" x 1" case with 10.5 mm
profile
IML 10 Series
10 Watt DC-DC Converters
Wide input voltage ranges up to 75 V DC
1 or 2 outputs up to 30 V DC
1500 V DC I/O electric strength test voltage
Selection chart
Output 1
Output 2
Input voltage
Type 1
Options1
Uo nom
Io nom
Uo nom
Io nom
Ui
[V DC]
[A]
[V DC]
[A]
[V DC]
3.3
2
-
-
18...36
24 IML 10-03-3
C, Z
3.3
2
-
-
36...75
48 IML 10-03-3
C, Z
5
1.9
-
-
18...36
24 IML 10-05-3
C, Z
5
1.9
-
-
36...75
48 IML 10-05-3
C, Z
12
0.9
-
-
18...36
24 IML 10-12-3C
12
0.9
-
-
36...75
48 IML 10-12-3C
15
0.7
-
-
18...36
24 IML 10-15-3C
15
0.7
-
-
36...75
48 IML 10-15-3C
5.1
1
3.3
1
36...75
48 IML 10-0503-3
C, Z
12
0.45
12
0.45
18...36
24 IML 10-12-12-3
C, Z
12
0.45
12
0.45
36...75
48 IML 10-12-12-3
C, Z
15
0.35
15
0.35
18...36
24 IML 10-15-15-3
C, Z
15
0.35
15
0.35
36...75
48 IML 10-15-15-3
C, Z
1 For availability contact Power-One.
LGA


Similar Part No. - IML10

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
IML-0635 MURATA-IML-0635 Datasheet
175Kb / 2P
For LEAD TYPE
IML-0635 MURATA-IML-0635 Datasheet
186Kb / 2P
Sensor
IML-0635 MURATA-IML-0635_17 Datasheet
186Kb / 2P
Sensor
IML-0636 MURATA-IML-0636 Datasheet
177Kb / 2P
For LEAD TYPE
IML-0636 MURATA-IML-0636 Datasheet
190Kb / 2P
Sensor
More results

Similar Description - IML10

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM10E AIMTEC-AM10E Datasheet
264Kb / 3P
10 watt dc-dc converters
AM10E-C AIMTEC-AM10E-C Datasheet
288Kb / 2P
10 watt dc-dc converters
AM10EW-C AIMTEC-AM10EW-C Datasheet
288Kb / 2P
10 watt dc-dc converters
logo
List of Unclassifed Man...
EC7A-24S05 ETC2-EC7A-24S05 Datasheet
534Kb / 2P
10 WATT DC-DC CONVERTERS
logo
Wall Industries,Inc.
DCHUB10H WALL-DCHUB10H Datasheet
350Kb / 4P
10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10 Datasheet
157Kb / 6P
10 Watt DC/DC Power Converters
JFC10 WALL-JFC10 Datasheet
160Kb / 5P
10 Watt DC/DC Power Converters
JRW WALL-JRW Datasheet
347Kb / 5P
10 Watt DC/DC Power Converters
DCMJU10 WALL-DCMJU10_18 Datasheet
893Kb / 6P
10 Watt DC/DC Power Converters
JFC10 WALL-JFC10_16 Datasheet
469Kb / 5P
10 Watt DC/DC Power Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com