Electronic Components Datasheet Search
  English  ▼

X  

IMO Datasheet(PDF) 1 Page - Power-One

Part # IMO
Description  6 Watt DC-DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

IMO Datasheet(HTML) 1 Page - Power-One

  IMO Datasheet HTML 1Page - Power-One IMO Datasheet HTML 2Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
www.power-one.com
• Wide input range
• Short circuit protection
• Industry standard 2" x 1" foot print
IMO Series
6 Watt DC-DC Converters
Input voltage range up to 72 V DC
1 or 2 outputs up to 30 V DC
1500 V DC I/O electric strength test voltage
Input
Input voltage
continuous range, 24 V
10...36 V DC
continuous range, 48 V
18...72 V DC
Reverse voltage protection
shunt diode
Output
Output voltage setting accuracy
Ui nom, lo nom
±2% U
o nom
Minimum load
not required
Line regulation
Ui min...Ui max, lo nom
±1% U
o nom
Load regulation
Ui nom, 0...100% lo nom, single output models
2%
Uo nom
dual output models
max. 5%
Uo nom
Ripple and noise
Ui nom, 0...100% lo nom, peak-peak, total
max. 3%
Uo nom
Efficiency
Ui nom, lo nom
up to 80 %
Control and protection
Overload protection
Ui min, full load
150%
Pi nom
No-load protection
Selection chart
Output 1
Output 2
Input voltage
Rated power
Type
Option
Uo nom
Io nom
Uo nom
Io nom
Ui
TA = 71°C
[V DC]
[mA]
[V DC]
[mA]
[V DC]
Po tot [W]
3.3
1500
-
-
10...36
5
24 IMO 6-03-2
-7
3.3
1500
-
-
18...72
5
48 IMO 6-03-2
-7
5
1000
-
-
10...36
5
24 IMO 6-05-2
-7
5
1000
-
-
18...72
5
48 IMO 6-05-2
-7
12
500
-
-
10...36
6
24 IMO 6-12-2
-7
12
500
-
-
18...72
6
48 IMO 6-12-2
-7
15
400
-
-
10...36
6
24 IMO 6-15-2
-7
15
400
-
-
18...72
6
48 IMO 6-15-2
-7
+5
500
–5
500
10...36
5
24 IMO 6-0505-2
-7
+5
500
–5
500
18...72
5
48 IMO 6-0505-2
-7
+12
250
–12
250
10...36
6
24 IMO 6-1212-2
-7
+12
250
–12
250
18...72
6
48 IMO 6-1212-2
-7
+15
200
–15
200
10...36
6
24 IMO 6-1515-2
-7
+15
200
–15
200
18...72
6
48 IMO 6-1515-2
-7


Similar Part No. - IMO

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IMOTIONLINK INFINEON-IMOTIONLINK Datasheet
2Mb / 31P
REF_Fridge_D111T_MOS user guide Refrigerator compressor driver reference design kit
V1.0 2020-10-16
IMOTIONLINK INFINEON-IMOTIONLINK Datasheet
1Mb / 33P
REF-MHA50WIMI111T user guide iMOTION™ fan driver reference design kit
2023-02-09 V1.0
IMOTIONTMLINK INFINEON-IMOTIONTMLINK Datasheet
2Mb / 31P
REF_Fridge_D111T_MOS user guide Refrigerator compressor driver reference design kit
V1.0 2020-10-16
More results

Similar Description - IMO

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM6T ETC1-AM6T Datasheet
527Kb / 3P
6 watt dc-dc converters
logo
AIMTEC
AM6T AIMTEC-AM6T Datasheet
279Kb / 3P
6 watt dc-dc converters
AM6T-N AIMTEC-AM6T-N Datasheet
195Kb / 3P
6 watt dc-dc converters
AM6TW AIMTEC-AM6TW Datasheet
248Kb / 2P
6 watt dc-dc converters
AM6TW-N AIMTEC-AM6TW-N Datasheet
310Kb / 3P
6 watt dc-dc converters
logo
Wall Industries,Inc.
DCPDL06 WALL-DCPDL06 Datasheet
959Kb / 7P
6 Watt DC/DC Power Converters
DCPDLW06 WALL-DCPDLW06 Datasheet
887Kb / 6P
6 Watt DC/DC Power Converters
ELANC WALL-ELANC Datasheet
103Kb / 4P
6 Watt DC/DC Power Converters
DCPDLW06 WALL-DCPDLW06_16 Datasheet
824Kb / 6P
6 Watt DC/DC Power Converters
logo
CINCON ELECTRONICS Corp...
EC4AW-H6 CINCON-EC4AW-H6 Datasheet
132Kb / 2P
5-6 WATT DC-DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com