Electronic Components Datasheet Search
  English  ▼

X  

XC6408 Datasheet(PDF) 21 Page - Torex Semiconductor

Part # XC6408
Description  28V Operation Voltage Regulator with Voltage Detector
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6408 Datasheet(HTML) 21 Page - Torex Semiconductor

Back Button XC6408 Datasheet HTML 17Page - Torex Semiconductor XC6408 Datasheet HTML 18Page - Torex Semiconductor XC6408 Datasheet HTML 19Page - Torex Semiconductor XC6408 Datasheet HTML 20Page - Torex Semiconductor XC6408 Datasheet HTML 21Page - Torex Semiconductor XC6408 Datasheet HTML 22Page - Torex Semiconductor XC6408 Datasheet HTML 23Page - Torex Semiconductor XC6408 Datasheet HTML 24Page - Torex Semiconductor XC6408 Datasheet HTML 25Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
21/34
XC6408
Series
XC6408 Series
(5) Ripple Rejection Ratio (Continued)
XC6408D/E (VROUT=12.0V, VIN=14.0VDC+0.5Vp-pAC)
(CL=1.0uF(Ceramic), Ta=25℃)
0
10
20
30
40
50
60
70
80
90
0.01
0.1
1
10
100
Frequency: f (kHz)
IROUT=1mA
IROUT=20mA
XC6408D/E (VROUT=18.0V, VIN=20.0VDC+0.5Vp-pAC)
(CL=1.0uF(Ceramic), Ta=25℃)
0
10
20
30
40
50
60
70
80
90
0.01
0.1
1
10
100
Frequency: f (kHz)
IROUT=1mA
IROUT=20mA
(6) Line Transient Response
XC6408D/E (VROUT=2.0V, IROUT=30mA, tr=tf=5us)
(CL=1uF(ceramic), Ta=25℃)
0
1
2
3
4
5
6
-2
-1
0
1
23
4
567
Time (ms)
1.8
1.9
2
2.1
2.2
2.3
2.4
VR Output Voltage
Input Voltage
XC6408D/E (VROUT=5.0V, IROUT=30mA, tr=tf=5us)
(CL=1uF(ceramic), Ta=25℃)
3
4
5
6
7
8
9
-2
-1
01
2
3
45
67
Time (ms)
4.8
4.9
5
5.1
5.2
5.3
5.4
VR Output Voltage
Input Voltage
XC6408D/E (VROUT=12.0V, IROUT=30mA, tr=tf=5us)
(CL=1uF(ceramic), Ta=25℃)
10
11
12
13
14
15
16
-2
-1
0
1
2
3
4
5
6
7
Time (ms)
11.8
11.9
12
12.1
12.2
12.3
12.4
VR Output Voltage
Input Voltage
XC6408D/E (VROUT=18.0V, IROUT=30mA, tr=tf=5us)
(CL=1uF(ceramic), Ta=25℃)
16
17
18
19
20
21
22
-2
-1
01
2
3
45
6
7
Time (ms)
17.6
17.8
18
18.2
18.4
18.6
18.8
VR Output Voltage
Input Voltage
■ TYPICAL PERFORMANCE CHARACTERISTICS (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com