Electronic Components Datasheet Search
  English  ▼

X  

BH1715FVC Datasheet(PDF) 7 Page - Rohm

Part # BH1715FVC
Description  Digital 16bit Serial Output Type Ambient Light Sensor IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH1715FVC Datasheet(HTML) 7 Page - Rohm

Back Button BH1715FVC Datasheet HTML 3Page - Rohm BH1715FVC Datasheet HTML 4Page - Rohm BH1715FVC Datasheet HTML 5Page - Rohm BH1715FVC Datasheet HTML 6Page - Rohm BH1715FVC Datasheet HTML 7Page - Rohm BH1715FVC Datasheet HTML 8Page - Rohm BH1715FVC Datasheet HTML 9Page - Rohm BH1715FVC Datasheet HTML 10Page - Rohm BH1715FVC Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
BH1715FVC
Technical Note
7/16
www.rohm.com
2010.06 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
●
Measurement sequence example from "Write instruction" to "Read measurement result"
ex1) Continuously H-resolution mode (ADDR = 'L')
①
Send "Continuously H-resolution mode " instruction
ST
0100011
0
Ack
00010000
Ack
SP
②
Wait to complete 1st H-resolution mode measurement.(max. 180ms.)
③
Read measurement result.
ST
0100011
1
Ack
High Byte [ 15:8 ]
Ack
Low Byte [ 7:0 ]
Ack
SP
How to calculate when the data High Byte is "10000011" and Low Byte is "10010000"
(2
15 + 29 + 28 + 27 + 24) / 1.2 ≒ 28067 [ lx ]
The result of continuously measurement mode is updated.(120ms.typ at H-resolution mode, 16ms.typ at L-resolution mode)
ex2) One time L-resolution mode (ADDR = 'H')
①
Send "One time L-resolution mode " instruction
ST
1011100
0
Ack
00100011
Ack
SP
②
Wait to complete L-resolution mode measurement.(max. 24ms.)
③
Read measurement result
ST
1011100
1
Ack
High Byte [ 15:8 ]
Ack
Low Byte [ 7:0 ]
Ack
SP
How to calculate when the data High Byte is "00000001" and Low Byte is "00010000"
(2
8 + 24) / 1.2 ≒ 227 [ lx ]
In one time measurement, Statement moves to power down mode after measurement completion. If updated result is
need then please resend measurement instruction.
from Master to Slave
from Slave to Master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com