Electronic Components Datasheet Search
  English  ▼

X  

AM26LS31C Datasheet(PDF) 3 Page - Texas Instruments

Part # AM26LS31C
Description  QUADRUPLE DIFFRENTIAL LINE DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM26LS31C Datasheet(HTML) 3 Page - Texas Instruments

  AM26LS31C_09 Datasheet HTML 1Page - Texas Instruments AM26LS31C_09 Datasheet HTML 2Page - Texas Instruments AM26LS31C_09 Datasheet HTML 3Page - Texas Instruments AM26LS31C_09 Datasheet HTML 4Page - Texas Instruments AM26LS31C_09 Datasheet HTML 5Page - Texas Instruments AM26LS31C_09 Datasheet HTML 6Page - Texas Instruments AM26LS31C_09 Datasheet HTML 7Page - Texas Instruments AM26LS31C_09 Datasheet HTML 8Page - Texas Instruments AM26LS31C_09 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
www.ti.com
22 k
Ω
To Three Other Drivers
Common to All Four Drivers
GND
Enable G
Enable G
VCC
V
V
Output Y
9
Ω
Input A
22 k
Ω
22 k
Ω
All resistor values are nominal.
Output Z
9
Ω
Absolute Maximum Ratings
(1)
AM26LS31C, AM26LS31M
QUADRUPLE DIFFERENTIAL LINE DRIVER
SLLS114I – JANUARY 1979 – REVISED FEBRUARY 2006
SCHEMATIC (EACH DRIVER)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage(2)
7
V
VI
Input voltage
7
V
Output off-state voltage
5.5
V
D package
73
DB package
82
θ
JA
Package thermal impedance(3)
°C/W
N package
67
NS package
64
Lead temperature 1,6 mm (1/16 in) from case for 10 s
260
°C
Lead temperature 1,6 mm (1/16 in) from case for 60 s
J package
300
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential output voltage VOD, are with respect to network GND.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com