Electronic Components Datasheet Search
  English  ▼

X  

LM3430 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3430
Description  LED Backlighting Solution with LM3430 and LM3432
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3430 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3430_07 Datasheet HTML 1Page - National Semiconductor (TI) LM3430_07 Datasheet HTML 2Page - National Semiconductor (TI) LM3430_07 Datasheet HTML 3Page - National Semiconductor (TI) LM3430_07 Datasheet HTML 4Page - National Semiconductor (TI) LM3430_07 Datasheet HTML 5Page - National Semiconductor (TI) LM3430_07 Datasheet HTML 6Page - National Semiconductor (TI) LM3430_07 Datasheet HTML 7Page - National Semiconductor (TI) LM3430_07 Datasheet HTML 8Page - National Semiconductor (TI) LM3430_07 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LED Backlighting Solution
with LM3430 and LM3432
National Semiconductor
Application Note 1679
TK Man
September 2007
Introduction
Since the release of high brightness White LED (HB-WLED)
in the middle of 1990's, tremendous research efforts have
been undergoing to improve the emission efficiency, reliability
and thermal packaging technologies in order to expand its
range of applications. In the last few years, improvements in
HB-WLED performance and price structure attracts more po-
tential applications considering this new lighting source tech-
nology as an alternative to conventional one. One area of
applications, LCD display backlighting, consider this new
backlighting method as the ultimate solution to replace the
existing Cold Cathode Fluorescent Lamps (CCFL). Backlight
LED-driver solutions need to exhibit following characteristics:
•
Instead of voltage control, LED-driver need direct LED
current control to ensure consistent color and brightness;
•
High conversion efficiency under various conditions;
•
Support PWM dimming;
•
Limit LED's rail voltage while LEDs open circuited;
•
Ability to shutdown individual channel(s) when short or
open circuited LED(s) detected;
•
Device over temperature detect and shutdown;
•
Low profile, small size and ease to use.
The LM3432 is a 6-channel high voltage current regulator
which provides a simple solution for LED backlighting appli-
cations and the LM3430 is a companion device to supply high
voltage required to drive serially connected LED strings. The
LM3430 and the LM3432 provide a complete solution to most
HB-WLED backlighting applications for notebook and PC
monitor. In this application note, a typical example for a solu-
tion to drive six strings of twelve LEDs in series running at
20mA per string is described in details.
The Demonstration Board
The LM3432 is used to drive 6-channel LED strings with 12
LEDs in series per string running at 20mA. This example pro-
vides a simple solution for HB-WLED backlight applications
in notebooks and monitors. The LM3432 is powered with its
companion device, LM3430, the Dynamic Headroom Control
(DHC) feature helps to provide the optimal system efficiency.
The design specification for this demonstration board is
shown in below:
Design Specifications:
•
Supply Voltage, VIN
6V to 21V
•
Boost Converter Switching Frequency, F
SW
1 MHz
•
Boost Converter Output Voltage, V
LED
50V
(With load disconnected)
•
Number of LED String
6
•
Number of LED per String
12
•
LED Current per String, I
LED
20 mA
PWM Dimming Function:
•
Analog Dimming Mode
Control Voltage Input, V
PWM
1V to 3V (0% to 100%)
Dimming Frequency, F
PWM
≊23 kHz
•
Digital Dimming Mode
External PWM Signal
20 kHz to 25 kHz, 2.5V
peak
© 2007 National Semiconductor Corporation
300289
www.national.com


Similar Part No. - LM3430_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3430SD/NOPB TI1-LM3430SD/NOPB Datasheet
1Mb / 35P
Boost Controller for LED Backlighting
LM3430SDX/NOPB TI1-LM3430SDX/NOPB Datasheet
1Mb / 35P
Boost Controller for LED Backlighting
More results

Similar Description - LM3430_07

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXSC310 ZETEX-ZXSC310 Datasheet
357Kb / 14P
LED DRIVER SOLUTION FOR LCD BACKLIGHTING
logo
Marktech Corporate
MT263-HR MARKTECH-MT263-HR Datasheet
32Kb / 1P
BACKLIGHTING LED LAMPS
MT620-HR MARKTECH-MT620-HR Datasheet
32Kb / 1P
BACKLIGHTING LED LAMPS
logo
List of Unclassifed Man...
GMD1640ALY ETC1-GMD1640ALY Datasheet
74Kb / 1P
GMD1640ALY WITH LED BACKLIGHTING
logo
Zetex Semiconductors
ZXSC310 ZETEX-ZXSC310_04 Datasheet
326Kb / 16P
LED DRIVER SOLUTION FOR LCD BACKLIGHTING
logo
Diodes Incorporated
ZXSC310 DIODES-ZXSC310 Datasheet
277Kb / 16P
LED DRIVER SOLUTION FOR LCD BACKLIGHTING
SEPTEMBER 2007
logo
Skyworks Solutions Inc.
AAT2430B SKYWORKS-AAT2430B Datasheet
245Kb / 3P
16 Channel White LED Driver Solution with LED Current and Timing Control
AAT2430C SKYWORKS-AAT2430C Datasheet
248Kb / 3P
16 Channel White LED Driver Solution with LED Current and Timing Control
logo
Princeton Technology Co...
PT6971 PTC-PT6971 Datasheet
262Kb / 3P
LED Driver for Backlighting with Dimming
PT6973 PTC-PT6973 Datasheet
280Kb / 3P
LED Driver for Backlighting with Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com