Electronic Components Datasheet Search
  English  ▼

X  

IWD Datasheet(PDF) 1 Page - Power-One

Part # IWD
Description  IWD SERIES - DUAL OUTPUT, 10 WATT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

IWD Datasheet(HTML) 1 Page - Power-One

  IWD Datasheet HTML 1Page - Power-One IWD Datasheet HTML 2Page - Power-One IWD Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
55
60
65
70
75
80
85
90
10
20
30
40
50
60
70
80
90
100
LOAD %
EFF. IWD1209
EFF. IWD1212
50
55
60
65
70
75
80
85
90
10
20
30
40
50
60
70
80
90
100
LOAD %
EFF. IWD505
EFF. IWD512
TECHNICAL SPECIFICATIONS
General
DESCRIPTION
FEATURES
Efficiency vs. Load (12V Input)
Efficiency vs. Load (5V Input)
IWD SERIES - DUAL OUTPUT, 10 WATT
Notes
1 Converter will auto-restart once fault has been removed.
Specifications typically at 25°C, normal line, and full load, unless otherwise
stated.
Soldering Conditions: I/O pins, 260°C, ten seconds; fully compatible with
commercial wave-soldering equipment.
Safety: Agency approvals may vary from model to model. Please consult
factory for specific model information.
IWD dual output DC/DC converters offer excellent
regulation and isolation in an industry-standard package.
Available in 5V and 12V input versions, the IWD is
perfect for industrial, datacom, or telecom applications.
The IWD features short-circuit protection and 500 VDC
isolation. Please see the IWS and IAS series for single
output applications.
• Industry Standard Package
• Industry Standard Pinout
• 85°C Case Operation
• Short Circuit Protection
• 5V and 12V Inputs
• Input Pi Filter
• 6-Sided Shielding
• Wide Input Voltage
• 500V Isolation
Switching Frequency
300 kHz
Isolation
Input - Output
500 VDC
Isolation Resistance - Input to Output
109 Ohms
Standard Case Operating Range
-25 to +85°C
Storage Range
-40 to +125°C
Humidity Max., Non-Condensing
95%
Vibration, 3 Axes, 5 min each
5 g, 10 - 55 Hz
Safety
UL, cUL, TUV
Weight (approx.)
1.4 oz
Setpoint Accuracy
±1%
Line Regulation Vin Min. - Vin Max., Iout Rated
±1.0% Vout
Load Regulation Iout Min. - Iout Max., Vin Nom.
±1.0% Vout
Minimum Output Current
10 % Iout Rated
Dynamic Regulation, Loadstep
25% Iout
Pk Deviation
1% Vout
Settling Time
500
µs
Temperature Coefficient
0.02%/°C
Ripple and Noise, 20 MHz BW
1% Vout nom.
Short Circuit Protection 1
Hiccup
Current Limit
130%
Output
Input
Voltage Range
5 VDC Nominal
4.5 - 9 VDC
12 VDC Nominal
9 - 18 VDC
Reflected Ripple
20% Iin Max.
Reverse Input Current
100% Iin Max.
REV. 08/30/01


Similar Description - IWD

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC10-3.3SA RECOM-RAC10-3.3SA Datasheet
87Kb / 2P
10 Watt Single & Dual Output
logo
RSG Electronic Componen...
RV1-S10-D10 RSG-RV1-S10-D10 Datasheet
142Kb / 4P
10 Watt regulated single & dual output
logo
Recom International Pow...
RAC10-C-277 RECOM-RAC10-C-277 Datasheet
105Kb / 4P
10 Watt Single / Dual Output
REC10-M RECOM-REC10-M Datasheet
105Kb / 2P
10 Watt Single & Dual Output
RP10-A RECOM-RP10-A Datasheet
524Kb / 7P
10 Watt Single & Dual Output
RP10-AW RECOM-RP10-AW Datasheet
521Kb / 7P
10 Watt Single & Dual Output
RP10-E RECOM-RP10-E Datasheet
593Kb / 7P
10 Watt Single & Dual Output
RP10-EW RECOM-RP10-EW Datasheet
495Kb / 7P
10 Watt Single & Dual Output
RAC10-S-DA RECOM-RAC10-S-DA Datasheet
87Kb / 2P
10 Watt Single/Dual Output
RAC10-S-DC-277 RECOM-RAC10-S-DC-277 Datasheet
106Kb / 4P
10 Watt Single / Dual Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com