Electronic Components Datasheet Search
  English  ▼

X  

INA333 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # INA333
Description  Micro-Power (50mA), Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA333 Datasheet(HTML) 4 Page - Texas Instruments

  INA333 Datasheet HTML 1Page - Texas Instruments INA333 Datasheet HTML 2Page - Texas Instruments INA333 Datasheet HTML 3Page - Texas Instruments INA333 Datasheet HTML 4Page - Texas Instruments INA333 Datasheet HTML 5Page - Texas Instruments INA333 Datasheet HTML 6Page - Texas Instruments INA333 Datasheet HTML 7Page - Texas Instruments INA333 Datasheet HTML 8Page - Texas Instruments INA333 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
INA333
SBOS445B – JULY 2008 – REVISED OCTOBER 2008 ..................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS: VS = +1.8V to +5.5V (continued)
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, RL = 10kΩ, VREF = VS/2, and G = 1, unless otherwise noted.
INA333
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
GAIN (continued)
Gain vs Temperature
G = 1
±1
±5
ppm/°C
G > 1(4)
±15
±50
ppm/°C
Gain nonlinearity
VS = 5.5V, (V–) + 100mV ≤ VO ≤ (V+) – 100mV
G = 1 to 1000
RL = 10kΩ
10
ppm
OUTPUT
Output voltage swing from rail(5)
VS = 5.5V, RL = 10kΩ
See note (5)
50
mV
Capacitive load drive
500
pF
Short-circuit current
ISC
Continuous to common
–40, +5
mA
FREQUENCY RESPONSE
Bandwidth, –3dB
G = 1
150
kHz
G = 10
35
kHz
G = 100
3.5
kHz
G = 1000
350
Hz
Slew rate
SR
VS = 5V, VO = 4V Step
G = 1
0.16
V/
µs
G = 100
0.05
V/
µs
Settling time to 0.01%
tS
G = 1
VSTEP = 4V
50
µs
G = 100
VSTEP = 4V
400
µs
Settling time to 0.001%
tS
G = 1
VSTEP = 4V
60
µs
G = 100
VSTEP = 4V
500
µs
Overload recovery
50% overdrive
75
µs
REFERENCE INPUT
RIN
300
k
Ω
Voltage range
V–
V+
V
POWER SUPPLY
Voltage range
Single
+1.8
+5.5
V
Dual
±0.9
±2.75
V
Quiescent current
IQ
VIN = VS/2
50
75
µA
vs Temperature
80
µA
TEMPERATURE RANGE
Specified temperature range
–40
+125
°C
Operating temperature range
–40
+150
°C
Thermal resistance
θ
JA
MSOP
100
°C/W
DFN
65
°C/W
(4)
Does not include effects of external resistor RG.
(5)
See Typical Characteristics curve, Output Voltage Swing vs Output Current (Figure 29).
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): INA333



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com