Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC2G66 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G66
Description  DUAL BILATERAL ANALOG SWITCH
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G66 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74LVC2G66 Datasheet HTML 7Page - Texas Instruments SN74LVC2G66 Datasheet HTML 8Page - Texas Instruments SN74LVC2G66 Datasheet HTML 9Page - Texas Instruments SN74LVC2G66 Datasheet HTML 10Page - Texas Instruments SN74LVC2G66 Datasheet HTML 11Page - Texas Instruments SN74LVC2G66 Datasheet HTML 12Page - Texas Instruments SN74LVC2G66 Datasheet HTML 13Page - Texas Instruments SN74LVC2G66 Datasheet HTML 14Page - Texas Instruments SN74LVC2G66 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
VCC
VO
GND
B or A
C
A or B
VCC
VC
VIH
RL
10 k
Ω
CL
50 pF
600
Ω
10
µF
(On)
VCC/2
VCC = 1.65 V, VI = 1.4 VP-P
VCC = 2.3 V, VI = 2 VP-P
VCC = 3 V, VI = 2.5 VP-P
VCC = 4.5 V, VI = 4 VP-P
fin
10
µF
SN74LVC2G66
DUAL BILATERAL ANALOG SWITCH
SCES325J – JULY 2001 – REVISED FEBRUARY 2007
Figure 10. Sine-Wave Distortion
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com