Electronic Components Datasheet Search
  English  ▼

X  

TL52055D Datasheet(PDF) 2 Page - Texas Instruments

Part # TL52055D
Description  WIDE-BANDWIDTH,2-INPUT,1-OUTPUT 3-CIRCUIT VIDEO SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL52055D Datasheet(HTML) 2 Page - Texas Instruments

  TL52055D Datasheet HTML 1Page - Texas Instruments TL52055D Datasheet HTML 2Page - Texas Instruments TL52055D Datasheet HTML 3Page - Texas Instruments TL52055D Datasheet HTML 4Page - Texas Instruments TL52055D Datasheet HTML 5Page - Texas Instruments TL52055D Datasheet HTML 6Page - Texas Instruments TL52055D Datasheet HTML 7Page - Texas Instruments TL52055D Datasheet HTML 8Page - Texas Instruments TL52055D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TL52055
WIDEBANDWIDTH, 2INPUT, 1OUTPUT
3CIRCUIT VIDEO SWITCH
SCDS169A − MAY 2004 − REVISED APRIL 2005
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
block diagram
16
15
14
13
12
11
10
9
12
3
4
5
6
7
8
1A
GND1
2B
2C
2A
GND3
3B
1C
1Y
GND2
2Y
3Y
3C
3A
VCC
1B
H
H
H
L
L
L
Bias
Bias
Bias
Bias
Bias
Bias
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Supply voltage range, VCC
−0.3 V to 12 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 1): D package
73
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PW package
108
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions
MIN
MAX
UNIT
VCC
Supply voltage
4.5
9
V
TA
Operating free-air temperature
−40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com