Electronic Components Datasheet Search
  English  ▼

X  

TRS3223CPWR Datasheet(PDF) 2 Page - Texas Instruments

Part # TRS3223CPWR
Description  3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRS3223CPWR Datasheet(HTML) 2 Page - Texas Instruments

  TRS3223CPWR Datasheet HTML 1Page - Texas Instruments TRS3223CPWR Datasheet HTML 2Page - Texas Instruments TRS3223CPWR Datasheet HTML 3Page - Texas Instruments TRS3223CPWR Datasheet HTML 4Page - Texas Instruments TRS3223CPWR Datasheet HTML 5Page - Texas Instruments TRS3223CPWR Datasheet HTML 6Page - Texas Instruments TRS3223CPWR Datasheet HTML 7Page - Texas Instruments TRS3223CPWR Datasheet HTML 8Page - Texas Instruments TRS3223CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
www.ti.com
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
FUNCTION TABLES
TRS3223
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV ESD PROTECTION
SLLS816 – JULY 2007
xxx
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube of 25
TRS3223CDW
SOIC – DW
TRS3223C
Reel of 2000
TRS3223CDWR
Tube of 70
TRS3223CDB
–0
°C to 70°C
SSOP – DB
RS23C
Reel of 2000
TRS3223CDBR
Tube of 70
TRS3223CPW
TSSOP – PW
RS23C
Reel of 2000
TRS3223CPWR
Tube of 25
TRS3223IDW
SOIC – DW
TRS3223I
SSOP – DB
TRS3223IDWR
Tube of 70
TRS3223IDB
–40
°C to 85°C
SSOP – DB
RS23I
Reel of 2000
TRS3223IDBR
Tube of 70
TRS3223IPW
TSSOP – PW
RS23I
Reel of 2000
TRS3223IPWR
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available
atwww.ti.com/sc/package.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
Each Driver(1)
INPUTS
OUTPUT
DRIVER STATUS
VALID RIN
DOUT
DIN
FORCEON
FORCEOFF
RS-232 LEVEL
X
X
L
X
Z
Powered off
L
H
H
X
H
Normal operation with
auto-powerdown
H
H
H
X
L
disabled
L
L
H
Yes
H
Normal operation with
auto-powerdown
H
L
H
Yes
L
enabled
L
L
H
No
Z
Powered off by
auto-powerdown
H
L
H
No
Z
feature
(1)
H = high level, L = low level, X = irrelevant, Z = high impedance
Each Receiver(1)
INPUTS
OUTPUT
VALID RIN
ROUT
RIN
EN
RS-232 LEVEL
L
L
X
H
H
L
X
L
X
H
X
Z
Open
L
No
H
(1)
H = high level, L = low level, X = irrelevant,
Z = high impedance (off), Open = input
disconnected or connected driver off
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com