Electronic Components Datasheet Search
  English  ▼

X  

TRS3238CPWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TRS3238CPWR
Description  3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRS3238CPWR Datasheet(HTML) 1 Page - Texas Instruments

  TRS3238CPWR Datasheet HTML 1Page - Texas Instruments TRS3238CPWR Datasheet HTML 2Page - Texas Instruments TRS3238CPWR Datasheet HTML 3Page - Texas Instruments TRS3238CPWR Datasheet HTML 4Page - Texas Instruments TRS3238CPWR Datasheet HTML 5Page - Texas Instruments TRS3238CPWR Datasheet HTML 6Page - Texas Instruments TRS3238CPWR Datasheet HTML 7Page - Texas Instruments TRS3238CPWR Datasheet HTML 8Page - Texas Instruments TRS3238CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
www.ti.com
FEATURES
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
C2 +
GND
C2−
V−
DOUT1
DOUT2
DOUT3
RIN1
RIN2
DOUT4
RIN3
DOUT5
FORCEON
FORCEOFF
C1+
V+
VCC
C1−
DIN1
DIN2
DIN3
ROUT1
ROUT2
DIN4
ROUT3
DIN5
ROUT1B
INVALID
DB OR PW PACKAGE
(TOP VIEW)
APPLICATIONS
DESCRIPTION/ORDERING INFORMATION
TRS3238
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV ESD (HBM) PROTECTION
SLLS817 – JULY 2007
• RS-232 Bus-Pin ESD Protection Exceeds
±15 kV Using Human-Body Model (HBM)
• Meets or Exceeds the Requirements of
TIA/EIA-232-F and ITU v.28 Standards
• Operates With 3-V to 5.5-V V
CC Supply
• Operates up to 250 kbit/s
• Five Drivers and Three Receivers
• Low Standby Current . . . 1 μA Typical
• External Capacitors . . . 4 × 0.1 μF
• Accepts 5-V Logic Input With 3.3-V Supply
• Always-Active Noninverting Receiver Output
(ROUT1B)
• Alternative High-Speed Pin-Compatible Device
(1 Mbit/s)
–
TRSF3238
• Battery-Powered Systems
• PDAs
• Notebooks
• Subnotebooks
• Laptops
• Palmtop PCs
• Hand-Held Equipment
• Modems
• Printers
The TRS3238 consists of five line drivers, three line receivers, and a dual charge-pump circuit with
±15-kV ESD
(HBM) protection pin to pin (serial-port connection pins, including GND). The device meets the requirements of
TIA/EIA-232-F and provides the electrical interface between notebook and subnotebook computer applications.
The charge pump and four small external capacitors allow operation from a single 3-V to 5.5-V supply. In
addition, the device includes an always-active noninverting output (ROUT1B), which allows applications using
the ring indicator to transmit data while the device is powered down. The TRS3238 operates at data signaling
rates up to 250 kbit/s and a maximum of 30-V/
μs driver output slew rate.
Flexible control options for power management are featured when the serial port and driver inputs are inactive.
The auto-powerdown plus feature functions when FORCEON is low and FORCEOFF is high. During this mode
of operation, if the device does not sense valid signal transitions on all receiver and driver inputs for
approximately 30 s, the built-in charge pump and drivers are powered down, reducing the supply current to
1
μA. By disconnecting the serial port or placing the peripheral drivers off, auto-powerdown plus occurs if there
is no activity in the logic levels for the driver inputs. Auto-powerdown plus can be disabled when FORCEON and
FORCEOFF are high. With auto-powerdown plus enabled, the device activates automatically when a valid signal
is applied to any receiver or driver input. INVALID is high (valid data) if any receiver input voltage is greater than
2.7 V or less than –2.7 V, or has been between –0.3 V and 0.3 V for less than 30
μs. INVALID is low (invalid
data) if all receiver input voltages are between –0.3 V and 0.3 V for more than 30
μs. Refer to Figure 5 for
receiver input levels.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TRS3238CPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3238CPWR TI-TRS3238CPWR Datasheet
368Kb / 19P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
TRS3238CPWRG4 TI-TRS3238CPWRG4 Datasheet
368Kb / 19P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
More results

Similar Description - TRS3238CPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3238E TI-MAX3238E Datasheet
333Kb / 18P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
TRS3222 TI-TRS3222 Datasheet
428Kb / 17P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS3238 TI-TRS3238_10 Datasheet
368Kb / 19P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
TRS3238E TI-TRS3238E Datasheet
474Kb / 20P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
MAX3223-EP TI1-MAX3223-EP Datasheet
426Kb / 16P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX3232-EP TI1-MAX3232-EP Datasheet
533Kb / 14P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX3243-EP TI1-MAX3243-EP Datasheet
541Kb / 15P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
TRS3243 TI1-TRS3243 Datasheet
583Kb / 19P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
TRSF3238E TI1-TRSF3238E Datasheet
610Kb / 20P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD (HBM) PROTECTION
logo
TEXAS ADVANCED OPTOELEC...
MAX3223EIDBG4 TAOS-MAX3223EIDBG4 Datasheet
646Kb / 22P
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com