Electronic Components Datasheet Search
  English  ▼

X  

FMK2 Datasheet(PDF) 2 Page - Yamaichi Electronics Co., Ltd.

Part # FMK2
Description  Plastic Hood Variations
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

FMK2 Datasheet(HTML) 2 Page - Yamaichi Electronics Co., Ltd.

  FMK2 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. FMK2 Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
E-63
I / O
Connectors
Trading Division
FMK1G to FMK5G
180° Cable Outlet
FMK1 to FMK5
45° Cable Outlet
FMK1G
15.0
25.0
31.8
39.5
15.4
3.0
9.5
20.8
42.4
12.0
FMK2G
16.0
33.3
40.3
41.0
15.4
3.0
8.5
23.3
43.5
12.0
FMK3G
28.0
47.0
54.0
45.0
15.4
3.0
8.5
31.7
47.7
12.0
FMK4G
44.5
63.5
70.2
48.0
18.5
3.0
12.0
48.2
50.4
15.0
FMK5G
42.0
61.1
67.8
48.0
18.5
3.0
12.0
45.8
50.4
15.0
FMK1
15.0
25.0
31.8
39.5
15.4
3.0
9.5
20.8
42.4
12.0
FMK2
16.0
33.3
40.3
41.0
15.4
3.0
8.5
23.3
43.5
12.0
FMK3
28.0
47.0
54.0
45.0
15.4
3.0
8.5
31.7
47.7
12.0
FMK4
44.5
63.5
70.2
48.0
18.5
3.0
12.0
48.2
50.4
15.0
FMK5
42.0
61.1
67.8
48.0
18.5
3.0
12.0
45.8
50.4
15.0
FKH1
9
10.0
25.0
31.2
31.8
16.0
8.0
FKH2
15
16.1
33.3
40.0
32.0
16.0
8.0
FKH3
25
27.8
47.0
53.4
35.0
16.0
11.3
FKH4
37
44.4
63.5
70.2
41.0
16.0
11.3
FKH5
50
42.0
61.1
67.8
41.0
18.5
13.8
FKH1 to FKH5
180° Cable Outlet
Part Number
A
B
C
D
E
∅F min.
∅F max.
G
H
I
Part Number
A
B
C
D
E
∅F min.
∅F max.
G
H
I
Part Number
No. of Contacts
A
B
C
D
E
∅F
Series D
Plastic Hood Variations (cont‘d)
D-Sub (Metal Hood Variations)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com