Electronic Components Datasheet Search
  English  ▼

X  

LMV358 Datasheet(PDF) 5 Page - STMicroelectronics

Part # LMV358
Description  Low cost,low power,input/output rail-to-rail operational amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LMV358 Datasheet(HTML) 5 Page - STMicroelectronics

  LMV358 Datasheet HTML 1Page - STMicroelectronics LMV358 Datasheet HTML 2Page - STMicroelectronics LMV358 Datasheet HTML 3Page - STMicroelectronics LMV358 Datasheet HTML 4Page - STMicroelectronics LMV358 Datasheet HTML 5Page - STMicroelectronics LMV358 Datasheet HTML 6Page - STMicroelectronics LMV358 Datasheet HTML 7Page - STMicroelectronics LMV358 Datasheet HTML 8Page - STMicroelectronics LMV358 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LMV321, LMV358, LMV324
Electrical characteristics
Doc ID 11887 Rev 4
5/16
Table 4.
VCC = +5 V, VDD = 0 V, CL and RL connected to VCC/2, Tamb = 25°C
(unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Vio
Input offset voltage
Vicm = Vout = VCC/2
Tmin ≤ Tamb ≤ Tmax
0.1
3
6
mV
ΔVio
Input offset voltage drift
2
µV/°C
Iio
Input offset current
Vicm = Vout = VCC/2
(1)
Tmin ≤ Tamb ≤ Tmax
19
25
nA
Iib
Input bias current
Vicm = Vout = VCC/2
(1)
Tmin ≤ Tamb ≤ Tmax
16
63
95
nA
CMR
Common mode rejection ratio
0
≤ Vicm ≤ VCC
65
95
dB
SVR
Supply voltage rejection ratio
Vicm = VCC/2
70
90
dB
Avd
Large signal voltage gain
Vout = 0.5 V to 4.5 V
RL = 10 kΩ
RL = 2 kΩ
85
77
97
93
dB
VOH
High level output voltage
Vid = 100 mV
Tmin ≤ Tamb ≤ Tmax
RL = 10 kΩ
RL = 2 kΩ
4.85
4.8
4.95
4.91
V
VOL
Low level output voltage
Vid = -100 mV
Tmin ≤ Tamb ≤ Tmax
RL = 10 kΩ
RL = 2 kΩ
40
80
180
200
mV
Io
Output current
Output source current
Vid = 100 mV, VO = VDD
Output sink current
Vid = -100 mV, VO = VCC
7
7
48
48
mA
ICC
Supply current (per amplifier)
Vout = VCC/2
AVCL = 1, no load
Tmin ≤ Tamb ≤ Tmax
162
220
250
µA
GBP
Gain bandwidth product
RL = 10 kΩ, CL = 100 pF,
f = 100 kHz
1.3
MHz
SR
Slew rate
RL = 600 Ω, CL = 100 pF,
AV = 1
0.45
V/µs
φm
Phase margin
RL = 600 Ω, CL = 100 pF
48
Degrees
en
Input voltage noise
40
nV/
√Hz
THD
Total harmonic distortion
0.01
%
1.
Maximum values include unavoidable inaccuracies of the industrial tests.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com