Electronic Components Datasheet Search
  English  ▼

X  

RC4580 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # RC4580
Description  DUAL AUDIO OPERATIONAL AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RC4580 Datasheet(HTML) 4 Page - Texas Instruments

  RC4580 Datasheet HTML 1Page - Texas Instruments RC4580 Datasheet HTML 2Page - Texas Instruments RC4580 Datasheet HTML 3Page - Texas Instruments RC4580 Datasheet HTML 4Page - Texas Instruments RC4580 Datasheet HTML 5Page - Texas Instruments RC4580 Datasheet HTML 6Page - Texas Instruments RC4580 Datasheet HTML 7Page - Texas Instruments RC4580 Datasheet HTML 8Page - Texas Instruments RC4580 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
RC4580
DUAL AUDIO OPERATIONAL AMPLIFIER
SLOS412C − APRIL 2003 − REVISED MARCH 2004
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 1
−15
−10
−5
0
5
10
15
100
1 k
10 k
RL − Load Resistance − Ω
MAXIMUM OUTPUT VOLTAGE SWING
vs
LOAD RESISTANCE
VCC± = ±15 V
TA = 25°C
VOM+
VOM−
Figure 2
MAXIMUM OUTPUT VOLTAGE SWING
vs
FREQUENCY
0
5
10
15
20
25
30
1
5
10
50 60 70 80 100 200 300 500 700 1M 10M
Frequency − kHz
V+/V− =
±15 V
RL = 2 kΩ
TA = 25°C
Figure 3
OUTPUT VOLTAGE SWING
vs
OUTPUT CURRENT
IO − Output Current − mA
VOM+
VOM−
VCC± = ±15 V
20
15
10
5
0
−5
−10
−15
−20
1000
100
10
1
0
10
20
30
10
100
1 k
10 k
100 k
Frequency − Hz
Figure 4
EQUIVALENT INPUT NOISE VOLTAGE
vs
FREQUENCY
VCC± = ±1.5 V
RS = 50 Ω
AV = 60 dB
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com