Electronic Components Datasheet Search
  English  ▼

X  

MAX3232 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # MAX3232
Description  3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/ RECEIVER WITH -15-kV ESD PROTECTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MAX3232 Datasheet(HTML) 3 Page - Texas Instruments

  MAX3232 Datasheet HTML 1Page - Texas Instruments MAX3232 Datasheet HTML 2Page - Texas Instruments MAX3232 Datasheet HTML 3Page - Texas Instruments MAX3232 Datasheet HTML 4Page - Texas Instruments MAX3232 Datasheet HTML 5Page - Texas Instruments MAX3232 Datasheet HTML 6Page - Texas Instruments MAX3232 Datasheet HTML 7Page - Texas Instruments MAX3232 Datasheet HTML 8Page - Texas Instruments MAX3232 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
MAX3232
3V TO 5.5V MULTICHANNEL RS232 LINE DRIVER/RECEIVER
WITH ±15kV ESD PROTECTION
SLLS410I − JANUARY 2000 − REVISED JANUARY 2004
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage range, VCC (see Note 1)
−0.3 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Positive output supply voltage range, V+ (see Note 1)
−0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Negative output supply voltage range, V− (see Note 1)
0.3 V to −7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage difference, V+ − V− (see Note 1)
13 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI: Drivers
−0.3 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Receivers
−25 V to 25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO: Drivers
−13.2 V to 13.2 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Receivers
−0.3 V to VCC + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Notes 2 and 3): D package
73
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
DB package
82
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . .
DW package
57
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . .
PW package
108
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltages are with respect to network GND.
2. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable
ambient temperature is PD = (TJ(max) − TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
3. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions (see Note 4 and Figure 4)
MIN
NOM
MAX
UNIT
Supply voltage
VCC = 3.3 V
3
3.3
3.6
V
Supply voltage
VCC = 5 V
4.5
5
5.5
V
VIH
Driver high-level input voltage
DIN
VCC = 3.3 V
2
V
VIH
Driver high-level input voltage
DIN
VCC = 5 V
2.4
V
VIL
Driver low-level input voltage
DIN
0.8
V
VI
Driver input voltage
DIN
0
5.5
V
VI
Receiver input voltage
−25
25
V
TA
Operating free-air temperature
MAX3232C
0
70
°C
TA
Operating free-air temperature
MAX3232I
−40
85
°C
NOTE 4: Test conditions are C1−C4 = 0.1
µF at VCC = 3.3 V ± 0.3 V; C1 = 0.047 µF, C2−C4 = 0.33 µF at VCC = 5 V ± 0.5 V.
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Note 4 and Figure 4)
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
ICC
Supply current
No load,
VCC = 3.3 V or 5 V
0.3
1
mA
‡ All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
NOTE 4: Test conditions are C1−C4 = 0.1
µF at VCC = 3.3 V ± 0.3 V; C1 = 0.047 µF, C2−C4 = 0.33 µF at VCC = 5 V ± 0.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com