Electronic Components Datasheet Search
  English  ▼

X  

MAX3232CD Datasheet(PDF) 6 Page - Texas Instruments

Part # MAX3232CD
Description  3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/ RECEIVER WITH -15-kV ESD PROTECTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MAX3232CD Datasheet(HTML) 6 Page - Texas Instruments

Back Button MAX3232CD Datasheet HTML 2Page - Texas Instruments MAX3232CD Datasheet HTML 3Page - Texas Instruments MAX3232CD Datasheet HTML 4Page - Texas Instruments MAX3232CD Datasheet HTML 5Page - Texas Instruments MAX3232CD Datasheet HTML 6Page - Texas Instruments MAX3232CD Datasheet HTML 7Page - Texas Instruments MAX3232CD Datasheet HTML 8Page - Texas Instruments MAX3232CD Datasheet HTML 9Page - Texas Instruments MAX3232CD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
MAX3232
3V TO 5.5V MULTICHANNEL RS232 LINE DRIVER/RECEIVER
WITH ±15kV ESD PROTECTION
SLLS410I − JANUARY 2000 − REVISED JANUARY 2004
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
TEST CIRCUIT
VOLTAGE WAVEFORMS
0 V
3 V
Output
Input
VOL
VOH
tPLH
tPHL
50%
50%
NOTES: A. CL includes probe and jig capacitance.
B. The pulse generator has the following characteristics: PRR = 250 kbit/s, ZO = 50 Ω, 50% duty cycle, tr ≤ 10 ns, tf ≤ 10 ns.
1.5 V
1.5 V
50
Ω
Generator
(see Note B)
RL
RS-232
Output
CL
(see Note A)
Figure 2. Driver Pulse Skew
TEST CIRCUIT
VOLTAGE WAVEFORMS
50
Ω
50%
50%
−3 V
3 V
1.5 V
1.5 V
Output
Input
VOL
VOH
tPHL
Generator
(see Note B)
tPLH
Output
CL
(see Note A)
NOTES: A. CL includes probe and jig capacitance.
B. The pulse generator has the following characteristics: ZO = 50 Ω, 50% duty cycle, tr ≤ 10 ns, tf ≤ 10 ns.
Figure 3. Receiver Propagation Delay Times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com