Electronic Components Datasheet Search
  English  ▼

X  

MAX3232CDB Datasheet(PDF) 2 Page - Texas Instruments

Part # MAX3232CDB
Description  3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/ RECEIVER WITH -15-kV ESD PROTECTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MAX3232CDB Datasheet(HTML) 2 Page - Texas Instruments

  MAX3232CDB Datasheet HTML 1Page - Texas Instruments MAX3232CDB Datasheet HTML 2Page - Texas Instruments MAX3232CDB Datasheet HTML 3Page - Texas Instruments MAX3232CDB Datasheet HTML 4Page - Texas Instruments MAX3232CDB Datasheet HTML 5Page - Texas Instruments MAX3232CDB Datasheet HTML 6Page - Texas Instruments MAX3232CDB Datasheet HTML 7Page - Texas Instruments MAX3232CDB Datasheet HTML 8Page - Texas Instruments MAX3232CDB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
MAX3232
3V TO 5.5V MULTICHANNEL RS232 LINE DRIVER/RECEIVER
WITH ±15kV ESD PROTECTION
SLLS410I − JANUARY 2000 − REVISED JANUARY 2004
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description/ordering information (continued)
The MAX3232 device consists of two line drivers, two line receivers, and a dual charge-pump circuit with
±15-kV ESD protection pin to pin (serial-port connection pins, including GND). The device meets the
requirements of TIA/EIA-232-F and provides the electrical interface between an asynchronous communication
controller and the serial-port connector. The charge pump and four small external capacitors allow operation
from a single 3-V to 5.5-V supply. The devices operate at data signaling rates up to 250 kbit/s and a maximum
of 30-V/
µs driver output slew rate.
Function Tables
EACH DRIVER
INPUT
DIN
OUTPUT
DOUT
L
H
H
L
H = high level, L = low
level
EACH RECEIVER
INPUT
RIN
OUTPUT
ROUT
L
H
H
L
Open
H
H = high level, L = low
level,
Open
=
input
disconnected
or
connected driver off
logic diagram (positive logic)
DIN1
DOUT1
RIN1
ROUT1
DIN2
DOUT2
RIN2
ROUT2
11
10
12
9
14
7
13
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com