Electronic Components Datasheet Search
  English  ▼

X  

PCA9538DBR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9538DBR
Description  REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9538DBR Datasheet(HTML) 16 Page - Texas Instruments

Back Button PCA9538DBR Datasheet HTML 12Page - Texas Instruments PCA9538DBR Datasheet HTML 13Page - Texas Instruments PCA9538DBR Datasheet HTML 14Page - Texas Instruments PCA9538DBR Datasheet HTML 15Page - Texas Instruments PCA9538DBR Datasheet HTML 16Page - Texas Instruments PCA9538DBR Datasheet HTML 17Page - Texas Instruments PCA9538DBR Datasheet HTML 18Page - Texas Instruments PCA9538DBR Datasheet HTML 19Page - Texas Instruments PCA9538DBR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
0
5
10
15
20
25
30
35
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
(VCC – VOH) – Output High Voltage – V
TA = –40°C
VCC = 2.5 V
TA = 25°C
TA = 85°C
0
25
50
75
100
125
150
175
200
225
250
275
-40
-15
10
35
60
85
TA – Free-Air Temperature – °C
VCC = 5 V, IOL = 10 mA
VCC = 2.5 V, IOL = 10 mA
VCC = 5 V, IOL = 1 mA
VCC = 2.5 V, IOL = 1 mA
0
5
10
15
20
25
30
35
40
45
50
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
(VCC – VOH) – Output High Voltage – V
TA = –40°C
VCC = 3.3 V
TA = 25°C
TA = 85°C
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
(VCC – VOH) – Output High Voltage – V
TA = –40°C
VCC = 5 V
TA = 25°C
TA = 85°C
PCA9538
SCPS126E – SEPTEMBER 2006 – REVISED JUNE 2008 ................................................................................................................................................ www.ti.com
TYPICAL CHARACTERISTICS (continued)
TA = 25°C (unless otherwise noted)
I/O OUTPUT HIGH VOLTAGE
I/O SOURCE CURRENT
vs
vs
TEMPERATURE
OUTPUT HIGH VOLTAGE
I/O SOURCE CURRENT
I/O SOURCE CURRENT
vs
vs
OUTPUT HIGH VOLTAGE
OUTPUT HIGH VOLTAGE
16
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): PCA9538



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com