Electronic Components Datasheet Search
  English  ▼

X  

TPL9202PWPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPL9202PWPR
Description  8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPL9202PWPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPL9202PWPR Datasheet HTML 3Page - Texas Instruments TPL9202PWPR Datasheet HTML 4Page - Texas Instruments TPL9202PWPR Datasheet HTML 5Page - Texas Instruments TPL9202PWPR Datasheet HTML 6Page - Texas Instruments TPL9202PWPR Datasheet HTML 7Page - Texas Instruments TPL9202PWPR Datasheet HTML 8Page - Texas Instruments TPL9202PWPR Datasheet HTML 9Page - Texas Instruments TPL9202PWPR Datasheet HTML 10Page - Texas Instruments TPL9202PWPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
www.ti.com
Output Control Register
TPL9202
8-CHANNEL RELAY DRIVER
WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION
SLIS124D – JUNE 2006 – REVISED FEBRUARY 2008
MSB
LSB
IN8
IN7
IN6
IN5
IN4
IN3
IN2
IN1
0
0
0
0
0
0
0
0
INn = 0 = Output OFF
INn = 1 = Output ON
To operate the output in PWM mode, the output control register must be updated at a rate twice the desired
PWM frequency of the output. Maximum PWM frequency is 5 kHz. The register is updated every 100
µs.
ENABLE TRUTH TABLE
SERIAL INPUT
EN1
OUT1
FOR OUT1
Open
H
On
Open
L
Off
L
H
On
L
L
Off
H
H
On
H
L
On
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPL9202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com