Electronic Components Datasheet Search
  English  ▼

X  

TRS3232CPWR Datasheet(PDF) 7 Page - Texas Instruments

Part # TRS3232CPWR
Description  3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRS3232CPWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TRS3232CPWR Datasheet HTML 3Page - Texas Instruments TRS3232CPWR Datasheet HTML 4Page - Texas Instruments TRS3232CPWR Datasheet HTML 5Page - Texas Instruments TRS3232CPWR Datasheet HTML 6Page - Texas Instruments TRS3232CPWR Datasheet HTML 7Page - Texas Instruments TRS3232CPWR Datasheet HTML 8Page - Texas Instruments TRS3232CPWR Datasheet HTML 9Page - Texas Instruments TRS3232CPWR Datasheet HTML 10Page - Texas Instruments TRS3232CPWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
www.ti.com
APPLICATION INFORMATION
11
10
8
1
2
3
4
7
ROUT2
DIN2
9
RIN1
16
13
12
15
14
DIN1
5
6
+
-
C3
†
V
CC
C2+
C1
C2
C1+
GND
C1-
ROUT1
C2-
+
-
C
BYPASS
=0.1 F
m
V+
+
-
+
-
RIN2
C4
+
-
V
CC
C1
C2,C3,C4
3.3V
0.3V
±
5V
0.5V
±
3Vto5.5V
0.1 F
m
0.047 F
m
0.1 F
m
0.1 F
m
0.33 F
m
0.47 F
m
V
vsCAPACITORVALUES
CC
DOUT1
DOUT2
†
C3canbeconnectedtoV
orGND.
CC
NOTES: A.Resistorvaluesshownarenominal.
V-
5kW
5kW
B.Nonpolarizedceramiccapacitorsareacceptable.Ifpolarizedtantalumorelectrolyticcapacitorsareused,theyshouldbe
connectedasshown.
TRS3232
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV ESD PROTECTION
SLLS812 – JULY 2007
Figure 4. Typical Operating Circuit and Capacitor Values
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com