Electronic Components Datasheet Search
  English  ▼

X  

USB-APOWER-P01 Datasheet(PDF) 2 Page - Yamaichi Electronics Co., Ltd.

Part # USB-APOWER-P01
Description  USB , Type A with Power Receptacle / Plug
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

USB-APOWER-P01 Datasheet(HTML) 2 Page - Yamaichi Electronics Co., Ltd.

  USB-APOWER-P01 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. USB-APOWER-P01 Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
I/O
Connectors
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
E-8
Trading Division
Outline Dimensions
Part Number (Details)
USB-APOWER
- P0 *
Specifications
Insulation Resistance:
1,000M
Ω min. at 500V DC
Current Rating:
1.5A max.
Voltage Rating:
250V AC
Withstanding Voltage:
500V AC for 1 minute
Contact Resistance:
30m
Ω max.
Materials and Finish
Housing:
Nylon 6T + 30% glass filled UL94V-0 rated
Shell:
Phosphor Bronze, Sn over Ni
Contacts:
Phosphor Bronze
Contact Plating: Solder Area: Sn over Ni
Mating Area: 30µ’’ Au over NI
Features
USB-A standard interface plus seperate power contacts
Assembly type plug
Series No.
Insulator:
1 = 5V (black)
2 = 24V (red)
3 = 12V (green)
Assembly Type
Series USB-A
USB, Type A with Power Plug (Solder Type)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com