Electronic Components Datasheet Search
  English  ▼

X  

SIP305 Datasheet(PDF) 1 Page - Power-One

Part # SIP305
Description  NON-ISOLATED, 20 WATT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

SIP305 Datasheet(HTML) 1 Page - Power-One

  SIP305 Datasheet HTML 1Page - Power-One SIP305 Datasheet HTML 2Page - Power-One SIP305 Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
SIP305 SERIES - NON-ISOLATED, 20 WATT
REV. 08/01
SIP305 non-isolated step-up DC/DC converters deliver
high efficiency and excellent transient response in an
industry-standard SIP package. Measuring 2.5” x 0.55”
x 0.31”, the SIP305 can provide up to 20 watts of output
power. The SIP305 is the perfect tool for designers who
are tight on board space and need to augment 3.3V
circuit boards with 5V. Operating over a wide 3.0 to
4.0V input range and a frequency of 400 kHz, the
SIP305 features surface-mount construction and an
efficiency of 90%.
• High Efficiency
• Excellent Transient
Response
• Optional Sense and
Power OK Pins
• Non-Isolated
DESCRIPTION
FEATURES
• Open-Frame
Construction
• Vertical or Horizontal
Mounting
• Water Washable
TECHNICAL SPECIFICATIONS
Voltage Range
3.3 VDC Nominal
3.0 - 4.0 VDC
Turn-On Time
10 ms
Input
Setpoint Accuracy
±1%
Line Regulation Vin Min. - Vin Max., Iout Rated
0.5%
Vout
Load Regulation Iout Min.- Iout Max., Vin Nom.
1% Vout
Ripple and Noise
100 mV
Dynamic Regulation, Loadstep
25% Iout
Pk Deviation
4% Vout
Settling Time
500
µs
Output
Switching Frequency
400 kHz
Temperature Coefficient
0.03%/°C
PCB Operating Temperature
0 to +100°C
Storage Range
-40 to +100°C
Humidity Max., Non-Condensing
95%
Vibration, 3 Axes, 5 Min Each
5 g, 10 - 55 Hz
MTBF† (Bellcore TR-NWT-000332)
Consult Factory
General
Notes
† MTBF predictions may vary slightly from model to model.
Specifications typically at 25°C, normal line, and full load, unless
otherwise stated.
Soldering Conditions: I/O pins, 260°C, ten seconds; fully
compatible with commercial wave-soldering equipment.
Safety: Agency approvals may vary from model to model. Please
consult factory for specific model information.
Units are water-washable and fully compatible with commercial
spray or immersion post wave-solder washing equipment.
80
82
84
86
88
90
92
94
10
20
30
40
50
60
70
80
90
100
LOAD %
3Vin
3.3Vin
4Vin
SIP305
Efficiency vs. Load


Similar Part No. - SIP305

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP31001 VISHAY-SIP31001 Datasheet
86Kb / 3P
Battery Monitor and Protective Discharge IC
20-Feb-17
SIP32101 VISHAY-SIP32101 Datasheet
180Kb / 9P
6.5 mΩ, Bi-Directional Battery Switch in Compact WCSP
30-Mar-15
SIP32101 VISHAY-SIP32101 Datasheet
179Kb / 9P
6.5 mΩ, Bi-Directional Battery Switch in Compact WCSP
30-Mar-15
SIP32101 VISHAY-SIP32101 Datasheet
683Kb / 7P
Evaluation Board Manual
13-Mar-14
SiP32101DB-T1-GE1 VISHAY-SiP32101DB-T1-GE1 Datasheet
180Kb / 9P
6.5 mΩ, Bi-Directional Battery Switch in Compact WCSP
30-Mar-15
More results

Similar Description - SIP305

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
SMP402 POWERINT-SMP402 Datasheet
120Kb / 16P
20-72 VDC Input Non-isolated DC Output
logo
Power-One
UPM3012 POWER-ONE-UPM3012 Datasheet
92Kb / 3P
NON-ISOLATED, 40 WATT
logo
List of Unclassifed Man...
SU20 ETC2-SU20 Datasheet
288Kb / 3P
Isolated and Regulated 20 WATT Modular DC/DC Converters
FDC20-12S33 ETC2-FDC20-12S33 Datasheet
600Kb / 4P
Isolated and Regulated 20 WATT Modular DC/DC Converters
logo
Astrodyne Corporation
FDC20 ASTRODYNE-FDC20 Datasheet
600Kb / 4P
Isolated and Regulated 20 WATT Modular DC/DC Converters
logo
SL Power Electronics
PW180KA SLPOWER-PW180KA Datasheet
269Kb / 2P
Universal 20 Watt (Non-Compliant)
logo
Astrodyne Corporation
ASD20 ASTRODYNE-ASD20_16 Datasheet
162Kb / 3P
Isolated and Regulated 20 WATT Modular DC/DC Converters
logo
Artesyn Technologies
SIL10E-05W3V3-VJ ARTESYN-SIL10E-05W3V3-VJ_15 Datasheet
721Kb / 3P
49.9 Watt (10 Amp) Non-Isolated DC-DC Converters
SIL10E-05W3V3-VJ ARTESYN-SIL10E-05W3V3-VJ Datasheet
721Kb / 3P
49.9 Watt (10 Amp) Non-Isolated DC-DC Converters
logo
CINCON ELECTRONICS Corp...
EC7BW18-72S05 CINCON-EC7BW18-72S05 Datasheet
737Kb / 8P
20 WATT 18:1 INPUT ISOLATED DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com