Electronic Components Datasheet Search
  English  ▼

X  

KIA7906P Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KIA7906P
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA7906P Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIA7906P Datasheet HTML 1Page - KEC(Korea Electronics) KIA7906P Datasheet HTML 2Page - KEC(Korea Electronics) KIA7906P Datasheet HTML 3Page - KEC(Korea Electronics) KIA7906P Datasheet HTML 4Page - KEC(Korea Electronics) KIA7906P Datasheet HTML 5Page - KEC(Korea Electronics) KIA7906P Datasheet HTML 6Page - KEC(Korea Electronics) KIA7906P Datasheet HTML 7Page - KEC(Korea Electronics) KIA7906P Datasheet HTML 8Page - KEC(Korea Electronics) KIA7906P Datasheet HTML 9Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
2010. 5. 19
1/15
SEMICONDUCTOR
TECHNICAL DATA
KIA7905P~KIA7924P
BIPOLAR LINEAR INTEGRATED CIRCUIT
Revision No : 1
THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
-5V, -6V, -7V, -8V, -12V, -15V, -18V, -20V, -24V.
FEATURES
Suitable for C-MOS, TTL, and the other digital IC power supply.
Internal thermal overload protecting.
Output Current up to 1.5A.
Internal short circuit current limiting.
Package is TO-220AB
MAXIMUM RATINGS (Ta=25
)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Input Voltage
KIA7905P
KIA7915P
VIN
-35
V
KIA7918P
KIA7924P
-40
Power Dissipation-1 (No Heatsink)
PD1
1.9
W
Power Dissipation-2 (Infinite Heatsink)
PD2
30
W
Operating Junction Temperature
Tj
-40
150
Storage Temperature
Tstg
-55
150
Maximum Junction Tamperature
Tj(max)
150
ITEM
OUTPUT VOLTAGE (Typ.)
UNIT
KIA7905P
-5
V
KIA7906P
-6
KIA7907P
-7
KIA7908P
-8
KIA7909P
-9
KIA7910P
-10
KIA7912P
-12
KIA7915P
-15
KIA7918P
-18
KIA7920P
-20
KIA7924P
-24
LINE-UP
DIM
MILLIMETERS
TO-220AB
1.46
A
B
C
D
E
F
G
H
J
K
M
N
O
0.8 0.1
+
_
2.8 0.1
+
_
2.54 0.2
+
_
1.27 0.1
+
_
1.4 0.1
+
_
13.08 0.3
+
_
3.6
0.2
+
_
+
_
9.9
0.2
+
_
9.2
0.2
+
_
4.5
0.2
+
_
2.4
0.2
15.95 MAX
1.3+0.1/-0.05
0.5+0.1/-0.05
3.7
1.5
A
F
B
J
G
K
M
L
L
E
I
I
O
C
H
NN
Q
D
Q
P
P
1
2
3
1. GND
3. OUTPUT
2. INPUT


Similar Part No. - KIA7906P

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA7906P KEC-KIA7906P Datasheet
467Kb / 15P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7906PI KEC-KIA7906PI Datasheet
568Kb / 16P
BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

Similar Description - KIA7906P

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7127LSF AUK-S7127LSF Datasheet
94Kb / 4P
Bipolar Linear Integrated Circuit
logo
Toshiba Semiconductor
TA8233BHQ TOSHIBA-TA8233BHQ Datasheet
1Mb / 14P
Bipolar Linear Integrated Circuit
28-Sep-2004
logo
KEC(Korea Electronics)
KIA78MR05PI KEC-KIA78MR05PI Datasheet
1Mb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78R000F KEC-KIA78R000F Datasheet
103Kb / 10P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF_13 Datasheet
451Kb / 20P
BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com